Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC3704CPWR Datasheet HTML 14Page - Texas Instruments TLC3704CPWR Datasheet HTML 15Page - Texas Instruments TLC3704CPWR Datasheet HTML 16Page - Texas Instruments TLC3704CPWR Datasheet HTML 17Page - Texas Instruments TLC3704CPWR Datasheet HTML 18Page - Texas Instruments TLC3704CPWR Datasheet HTML 19Page - Texas Instruments TLC3704CPWR Datasheet HTML 20Page - Texas Instruments TLC3704CPWR Datasheet HTML 21Page - Texas Instruments TLC3704CPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 22
AVERAGE SUPPLY CURRENT
(PER COMPARATOR)
vs
FREQUENCY
10000
1000
100
10
0.01
0.1
1
10
100
f − Frequency − kHz
TA = 25°C
CL = 50 pF
VDD = 16 V
10 V
5 V
4 V
3 V
Figure 23
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
80
70
60
50
40
30
20
10
0
02
46
8
10
12
14
16
TA = 25°C
TA = 125°C
TA = − 55°C
TA = 85°C
TA = − 40°C
Outputs Low
No Loads
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
30
25
20
15
10
5
0
− 75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
VDD = 5 V
No Load
Outputs Low
Outputs High
Figure 24
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com