Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC3704CPWR Datasheet HTML 9Page - Texas Instruments TLC3704CPWR Datasheet HTML 10Page - Texas Instruments TLC3704CPWR Datasheet HTML 11Page - Texas Instruments TLC3704CPWR Datasheet HTML 12Page - Texas Instruments TLC3704CPWR Datasheet HTML 13Page - Texas Instruments TLC3704CPWR Datasheet HTML 14Page - Texas Instruments TLC3704CPWR Datasheet HTML 15Page - Texas Instruments TLC3704CPWR Datasheet HTML 16Page - Texas Instruments TLC3704CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
+
−
DUT
VDD
CL
(see Note A)
Pulse
Generator
10
Ω
10-Turn
Potentiometer
1 V
− 1 V
1 k
Ω
50
Ω
1
µF
0.1
µF
TEST CIRCUIT
100 mV
Input
Overdrive
90%
50%
10%
tr
tPLH
100 mV
Input
Overdrive
90%
50%
10%
tf
tPHL
Low-to-High
Level Output
High-to-Low
Level Output
VOLTAGE WAVEFORMS
NOTE A: CL includes probe and jig capacitance.
Figure 7. Response, Rise, and Fall Times Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com