Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC3704CPWR Datasheet HTML 19Page - Texas Instruments TLC3704CPWR Datasheet HTML 20Page - Texas Instruments TLC3704CPWR Datasheet HTML 21Page - Texas Instruments TLC3704CPWR Datasheet HTML 22Page - Texas Instruments TLC3704CPWR Datasheet HTML 23Page - Texas Instruments TLC3704CPWR Datasheet HTML 24Page - Texas Instruments TLC3704CPWR Datasheet HTML 25Page - Texas Instruments TLC3704CPWR Datasheet HTML 26Page - Texas Instruments TLC3704CPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
+
−
100 k
Ω
C1
180
µF
(see Note A)
1/2 TLC3704
100 k
Ω
R2
100 k
Ω
100 k
Ω
100 k
Ω
VI
VI
−
+
1/2 TLC3704
VI
+
−
TLC271
(see Note B)
270 k
Ω
VI
100 k
Ω
C2
100 pF
100 k
Ω
R = 6
Ω
L = 1 mH
(see Note D)
RL
470
µF
VO
R1
V
I +
6 V to 16 V
I
L +
0.01 mA to 0.25 mA
V
O +
2.5
(R1
) R2)
R2
LM385
2.5 V
47
µF
Tantalum
IN5818
VI
GS
SK9504
(see Note C)
D
+
NOTES: A. Adjust C1 for a change in oscillator frequency
B. TLC271 − Tie pin 8 to pin 7 for low bias operation
C. SK9504 − VDS = 40 V
IDS = 1 A
will
D. To achieve microampere current drive, the inductance of the circuit must be increased.
Figure 28. Micropower Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com