Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC3704CPWR Datasheet HTML 15Page - Texas Instruments TLC3704CPWR Datasheet HTML 16Page - Texas Instruments TLC3704CPWR Datasheet HTML 17Page - Texas Instruments TLC3704CPWR Datasheet HTML 18Page - Texas Instruments TLC3704CPWR Datasheet HTML 19Page - Texas Instruments TLC3704CPWR Datasheet HTML 20Page - Texas Instruments TLC3704CPWR Datasheet HTML 21Page - Texas Instruments TLC3704CPWR Datasheet HTML 22Page - Texas Instruments TLC3704CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The inputs should always remain within the supply rails in order to avoid forward biasing the diodes in the electrostatic
discharge (ESD) protection structure. If either input exceeds this range, the device is not damaged as long as the
input is limited to less than 5 mA. To maintain the expected output state, the inputs must remain within the
common-mode range. For example, at 25
°C with VDD = 5 V, both inputs must remain between − 0.2 V and 4 V to
ensure proper device operation. To ensure reliable operation, the supply should be decoupled with a capacitor
(0.1
µF) that is positioned as close to the device as possible.
Output and supply current limitations should be watched carefully since the TLC3704 does not provide current
protection. For example, each output can source or sink a maximum of 20 mA; however, the total current to ground
can only be an absolute maximum of 60 mA. This prohibits sinking 20 mA from each of the four outputs simultaneously
since the total current to ground would be 80 mA.
The TLC3704 has internal ESD-protection circuits that prevents functional failures at voltages up to 2000 V as tested
under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling these devices as exposure
to ESD may result in the degradation of the device parametric performance.
Table of Applications
FIGURE
Pulse-width-modulated motor speed controller
25
Enhanced supply supervisor
26
Two-phase nonoverlapping clock generator
27
Micropower switching regulator
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com