Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC3704CPWR Datasheet HTML 8Page - Texas Instruments TLC3704CPWR Datasheet HTML 9Page - Texas Instruments TLC3704CPWR Datasheet HTML 10Page - Texas Instruments TLC3704CPWR Datasheet HTML 11Page - Texas Instruments TLC3704CPWR Datasheet HTML 12Page - Texas Instruments TLC3704CPWR Datasheet HTML 13Page - Texas Instruments TLC3704CPWR Datasheet HTML 14Page - Texas Instruments TLC3704CPWR Datasheet HTML 15Page - Texas Instruments TLC3704CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
−
+
DUT
VDD
+
−
−
+
−
+
C2
1
µF
R4
47 k
Ω
R5
1.8 k
Ω 1%
C3
0.68
µF
IC1c
1/4 TLC274CN
IC1a
1/4 TLC274CN
IC1b
1/4 TLC274CN
R6
1 M
Ω
R7
1.8 k
Ω 1%
R8
10 k
Ω 1%
R1
240 k
Ω
R2
10 k
Ω
C1
0.1
µF
R3
100
Ω
C4
0.1
µF
Integrator
R9
100
Ω 1%
Buffer
Triangle
Generator
VIO
(X100)
Figure 6. Circuit for Input Offset Voltage Measurement
Response time is defined as the interval between the application of an input step function and the instant when
the output reaches 50% of its maximum value. Response time for the low-to-high-level output is measured from
the leading edge of the input pulse, while response time for the high-to-low-level output is measured from the
trailing edge of the input pulse. Response time measurement at low input signal levels can be greatly affected
by the input offset voltage. The offset voltage should be balanced by the adjustment at the inverting input as
shown in Figure 7, so that the circuit is just at the transition point. A low signal, for example 105-mV or 5-mV
overdrive, causes the output to change state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com