Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC3704CPWR Datasheet HTML 1Page - Texas Instruments TLC3704CPWR Datasheet HTML 2Page - Texas Instruments TLC3704CPWR Datasheet HTML 3Page - Texas Instruments TLC3704CPWR Datasheet HTML 4Page - Texas Instruments TLC3704CPWR Datasheet HTML 5Page - Texas Instruments TLC3704CPWR Datasheet HTML 6Page - Texas Instruments TLC3704CPWR Datasheet HTML 7Page - Texas Instruments TLC3704CPWR Datasheet HTML 8Page - Texas Instruments TLC3704CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Push-Pull CMOS Output Drives Capacitive
Loads Without Pullup Resistor,
IO = ± 8 mA
D Very Low Power . . . 200 µW Typ at 5 V
D Fast Response Time ...t
PLH = 2.7 µs Typ
With 5-mV Overdrive
D Single Supply Operation...3 V to 16 V
TLC3704M ...4 V to 16 V
D On-Chip ESD Protection
description
The TLC3704 consists of four independent
micropower voltage comparators designed to
operate from a single supply and be compatible
with modern HCMOS logic systems. They are
functionally similar to the LM339 but use 1/20th
the power for similar response times. The
push-pull CMOS output stage drives capacitive
loads directly without a power-consuming pullup
resistor to achieve the stated response time.
Eliminating the pullup resistor not only reduces
power dissipation, but also saves board space
and component cost. The output stage is also fully
compatible with TTL requirements.
Texas Instruments LinCMOS
 process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents, the LinCMOS process offers extremely
stable input offset voltages with large differential
input voltages. This characteristic makes it
possible to build reliable CMOS comparators.
The TLC3704C is characterized for operation
over the commercial temperature range of 0
°C to
70
°C. The TLC3704I is characterized for
operation over the extended industrial tempera-
ture range of − 40
°C to 85°C. The TLC3704M is
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
TLC3704Q is characterized for operation from −
40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinCMOS is a trademark of Texas Instruments Incorporated.
Copyright
 2009, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN +
NC
4IN −
VDD
NC
2IN −
NC
2IN +
FK PACKAGE
(TOP VIEW)
D, J, OR N PACKAGE
(TOP VIEW)
NC − No internal connection
OUT
symbol (each comparator)
IN +
IN −
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VDD
2IN −
2IN +
1IN −
1IN +
3OUT
4OUT
GND
4IN +
4IN −
3IN +
3IN −
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PW PACKAGE
(TOP VIEW)
1OUT
2OUT
VDD
2IN −
2IN +
1IN −
1IN +
3OUT
4OUT
GND
4IN +
4IN −
3IN +
3IN −


Similar Part No. - TLC3704CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704CPWR TI-TLC3704CPWR Datasheet
350Kb / 31P
QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704CPWR TI1-TLC3704CPWR Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704CPWRG4 TI1-TLC3704CPWRG4 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Similar Description - TLC3704CPWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
Texas Instruments
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com