Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 17Page - Texas Instruments ADC12H034 Datasheet HTML 18Page - Texas Instruments ADC12H034 Datasheet HTML 19Page - Texas Instruments ADC12H034 Datasheet HTML 20Page - Texas Instruments ADC12H034 Datasheet HTML 21Page - Texas Instruments ADC12H034 Datasheet HTML 22Page - Texas Instruments ADC12H034 Datasheet HTML 23Page - Texas Instruments ADC12H034 Datasheet HTML 24Page - Texas Instruments ADC12H034 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SCLK
DO
tACC
tSD
tHDO
tDDO
tHDO
tDDO
2.4V
2.4V
2.4V
0.4V
0.4V
tSET-UP
tCD
0
1
2
3
4
n
CS
DOR
EOC
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
Figure 45. DI Data Input Timing
Figure 46. DO Data Output Timing Using CS
Figure 47. DO Data Output Timing with CS Continuously Low
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com