Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 30Page - Texas Instruments ADC12H034 Datasheet HTML 31Page - Texas Instruments ADC12H034 Datasheet HTML 32Page - Texas Instruments ADC12H034 Datasheet HTML 33Page - Texas Instruments ADC12H034 Datasheet HTML 34Page - Texas Instruments ADC12H034 Datasheet HTML 35Page - Texas Instruments ADC12H034 Datasheet HTML 36Page - Texas Instruments ADC12H034 Datasheet HTML 37Page - Texas Instruments ADC12H034 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
SNAS080K – JULY 1999 – REVISED MARCH 2013
www.ti.com
1.8 Brown Out Conditions
When the supply voltage dips below about 2.7V, the internal registers, including the calibration coefficients and
all of the other registers, may lose their contents. When this happens the ADC will not perform as expected or
not at all after power is fully restored. While writing the desired information to all registers and performing a
calibration might sometimes cause recovery to full operation, the only sure recovery method is to reduce the
supply voltage to below 0.5V, then reprogram the ADC and perform a calibration after power is fully restored.
2.0 THE ANALOG MULTIPLEXER
For the ADC12038, the analog input multiplexer can be configured with 4 differential channels or 8 single ended
channels with the COM input as the zero reference or any combination thereof (see Figure 63). The difference
between the voltages at the VREF
+ and V
REF
− pins determines the input voltage span (V
REF). The analog input
voltage range is 0 to VA
+. Negative digital output codes result when V
IN
− > V
IN
+. The actual voltage at V
IN
− or V
IN
+
cannot go below AGND.
8 Single-Ended Channels
4 Differential
with COM
Channels
as Zero Reference
Figure 63. Input Multiplexer Options
Differential
Single-Ended
Configuration
Configuration
A/DIN1 and A/DIN2 can be assigned as the + or
− input
A/DIN1 is + input
A/DIN2 is
− input
Figure 64. MUXOUT connections for multiplexer option
CH0, CH2, CH4, and CH6 can be assigned to the MUXOUT1 pin in the differential configuration, while CH1,
CH3, CH5, and CH7 can be assigned to the MUXOUT2 pin. In the differential configuration, the analog inputs
are paired as follows: CH0 with CH1, CH2 with CH3, CH4 with CH5 and CH6 with CH7. The A/DIN1 and A/DIN2
pins can be assigned positive or negative polarity.
With the single-ended multiplexer configuration, CH0 through CH7 can be assigned to the MUXOUT1 pin. The
COM pin is always assigned to the MUXOUT2 pin. A/DIN1 is assigned as the positive input; A/DIN2 is assigned
as the negative input. (See Figure 64).
The Multiplexer assignment tables for these ADCs (Table 2,Table 3, andTable 4) summarize the aforementioned
functions for the different versions of ADCs.
34
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com