Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 10Page - Texas Instruments ADC12H034 Datasheet HTML 11Page - Texas Instruments ADC12H034 Datasheet HTML 12Page - Texas Instruments ADC12H034 Datasheet HTML 13Page - Texas Instruments ADC12H034 Datasheet HTML 14Page - Texas Instruments ADC12H034 Datasheet HTML 15Page - Texas Instruments ADC12H034 Datasheet HTML 16Page - Texas Instruments ADC12H034 Datasheet HTML 17Page - Texas Instruments ADC12H034 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
SNAS080K – JULY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
(1)
The following curves apply for 12-bit + sign mode after Auto Calibration unless otherwise specified. The performance for 8-bit
+ sign mode is equal to or better than shown.
Linearity Error Change
Linearity Error Change
vs. Clock Frequency
vs. Temperature
Figure 9.
Figure 10.
Linearity Error Change
Linearity Error Change
vs. Reference Voltage
vs. Supply Voltage
Figure 11.
Figure 12.
Full-Scale Error Change
Full-Scale Error Change
vs. Clock Frequency
vs. Temperature
Figure 13.
Figure 14.
(1)
With the test condition for VREF (VREF+ − VREF−) given as +4.096V, the 12-bit LSB is 1.0 mV and the 8-bit LSB is 16.0 mV.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com