Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 35Page - Texas Instruments ADC12H034 Datasheet HTML 36Page - Texas Instruments ADC12H034 Datasheet HTML 37Page - Texas Instruments ADC12H034 Datasheet HTML 38Page - Texas Instruments ADC12H034 Datasheet HTML 39Page - Texas Instruments ADC12H034 Datasheet HTML 40Page - Texas Instruments ADC12H034 Datasheet HTML 41Page - Texas Instruments ADC12H034 Datasheet HTML 42Page - Texas Instruments ADC12H034 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
for (8-bit) resolution the Output Code =
(2)
Round off to the nearest integer value between
−4096 to 4095 for 12-bit resolution and between −256 to 255 for
8-bit resolution if the result of the above equation is not a whole number.
Examples are shown in the table below:
VREF
+
VREF
−
VIN
+
VIN
−
Digital Output Code
+2.5V
+1V
+1.5V
0V
0,1111,1111,1111
+4.096V
0V
+3V
0V
0,1011,1011,1000
+4.096V
0V
+2.499V
+2.500V
1,1111,1111,1111
+4.096V
0V
0V
+4.096V
1,0000,0000,0000
5.0 INPUT CURRENT
At the start of the acquisition window (tA) a charging current flows into or out of the analog input pins (A/DIN1 and
A/DIN2) depending upon the input voltage polarity. The analog input pins are CH0–CH7 and COM when A/DIN1
is tied to MUXOUT1 and A/DIN2 is tied to MUXOUT2. The peak value of this input current will depend upon the
actual input voltage applied, the source impedance and the internal multiplexer switch on resistance. With
MUXOUT1 tied to A/DIN1 and MUXOUT2 tied to A/DIN2 the internal multiplexer switch on resistance is typically
1.6 k
Ω. The A/DIN1 and A/DIN2 mux on resistance is typically 750Ω.
6.0 INPUT SOURCE RESISTANCE
For low impedance voltage sources (<600
Ω), the input charging current will decay before the end of the S/H's
acquisition time of 2 µs (10 CCLK periods with fC = 5 MHz), to a value that will not introduce any conversion
errors. For high source impedances, the S/H's acquisition time can be increased to 18 or 34 CCLK periods. For
less ADC resolution and/or slower CCLK frequencies the S/H's acquisition time may be decreased to 6 CCLK
periods. To determine the number of clock periods (Nc) required for the acquisition time with a specific source
impedance for the various resolutions the following equations can be used:
12 Bit + Sign
NC = [RS + 2.3] × fC × 0.824
8 Bit + Sign
NC = [RS + 2.3] × fC × 0.57
where
•
fC is the conversion clock (CCLK) frequency in MHz
•
RS is the external source resistance in kΩ
(3)
As an example, operating with a resolution of 12 Bits+sign, a 5 MHz clock frequency and maximum acquisition
time of 34 conversion clock periods the ADC's analog inputs can handle a source impedance as high as 6 k
Ω.
The acquisition time may also be extended to compensate for the settling or response time of external circuitry
connected between the MUXOUT and A/DIN pins.
An acquisition starts at a falling edge of SCLK and ends at a rising edge of CCLK (see timing diagrams). If SCLK
and CCLK are asynchronous, one extra CCLK clock period may be inserted into the programmed acquisition
time for synchronization. Therefore, with asynchronous SCLK and CCLKs the acquisition time will change from
conversion to conversion.
7.0 INPUT BYPASS CAPACITANCE
External capacitors (0.01 µF–0.1 µF) can be connected between the analog input pins, CH0–CH7, and analog
ground to filter any noise caused by inductive pickup associated with long input leads. These capacitors will not
degrade the conversion accuracy.
8.0 NOISE
The leads to each of the analog multiplexer input pins should be kept as short as possible. This will minimize
input noise and clock frequency coupling that can cause conversion errors. Input filtering can be used to reduce
the effects of the noise sources.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com