Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 5Page - Texas Instruments ADC12H034 Datasheet HTML 6Page - Texas Instruments ADC12H034 Datasheet HTML 7Page - Texas Instruments ADC12H034 Datasheet HTML 8Page - Texas Instruments ADC12H034 Datasheet HTML 9Page - Texas Instruments ADC12H034 Datasheet HTML 10Page - Texas Instruments ADC12H034 Datasheet HTML 11Page - Texas Instruments ADC12H034 Datasheet HTML 12Page - Texas Instruments ADC12H034 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
DC and Logic Electrical Characteristics (continued)
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK = 5 MHz for
the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 25Ω, fully-
differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)(2)(3)
Units
Parameter
Test Conditions
Typical (4)
Limits (5)
(Limits)
VOUT(0)
Logical “0” Output Voltage
V+ = 4.5V, IOUT = 1.6 mA
0.4
V (max)
VOUT = 0V
−0.1
−3.0
µA (max)
IOUT
TRI-STATE Output Current
VOUT = 5V
0.1
3.0
µA (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V
14
6.5
mA (min)
−ISC
Output Short Circuit Sink Current
VOUT = VD+
16
8.0
mA (min)
POWER SUPPLY CHARACTERISTICS
Digital Supply Current
Awake
1.6
2.5
mA (max)
ADC12030, ADC12032, ADC12034 and
CS = HIGH, Powered Down, CCLK on
600
µA
ADC12038
CS = HIGH, Powered Down, CCLK off
20
µA
ID+
Digital Supply Current
Awake
2.3
3.2
mA
ADC12H030, ADC12H032, ADC12H034
CS = HIGH, Powered Down, CCLK on
0.9
mA
and ADC12H038
CS = HIGH, Powered Down, CCLK off
20
µA
Awake
2.7
4.0
mA (max)
IA+
Positive Analog Supply Current
CS = HIGH, Powered Down, CCLK on
10
µA
CS = HIGH, Powered Down, CCLK off
0.1
µA
Awake
70
µA
IREF
Reference Input Current
CS = HIGH, Powered Down
0.1
µA
AC Electrical Characteristics
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, tr = tf = 3 ns, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK
= 5 MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤
25
Ω, fully-differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)
Typical
ADC12H030/2/4/8
ADC12030/2/4/8
Units
Parameter
Test Conditions
(2)
Limits (3)
Limits (3)
(Limits)
fCK
Conversion Clock (CCLK)
10
8
5
MHz (max)
Frequency
1
MHz (min)
Serial Data Clock SCLK Frequency
10
8
5
MHz (max)
fSK
0
Hz (min)
40
40
% (min)
Conversion Clock Duty Cycle
60
60
% (max)
40
40
% (min)
Serial Data Clock Duty Cycle
60
60
% (max)
12-Bit + Sign or 12-
44(tCK)
44(tCK)
(max)
44(tCK)
Bit
5.5
8.8
µs (max)
tC
Conversion Time
21(tCK)
21(tCK)
(max)
8-Bit + Sign or 8-Bit
21(tCK)
2.625
4.2
µs (max)
(1)
Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output
voltage is forced to 1.4V.
(2)
Typical figures are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com