Electronic Components Datasheet Search
  English  ▼

X  

ADC12H034 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC12H034
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H034 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC12H034 Datasheet HTML 28Page - Texas Instruments ADC12H034 Datasheet HTML 29Page - Texas Instruments ADC12H034 Datasheet HTML 30Page - Texas Instruments ADC12H034 Datasheet HTML 31Page - Texas Instruments ADC12H034 Datasheet HTML 32Page - Texas Instruments ADC12H034 Datasheet HTML 33Page - Texas Instruments ADC12H034 Datasheet HTML 34Page - Texas Instruments ADC12H034 Datasheet HTML 35Page - Texas Instruments ADC12H034 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
SNAS080K – JULY 1999 – REVISED MARCH 2013
www.ti.com
1.3 CS Low Continuously Considerations
When CS is continuously low, it is important to transmit the exact number of SCLK pulses that the ADC expects.
Not doing so will desynchronize the serial communications to the ADC. When the supply power is first applied to
the ADC, it will expect to see 13 SCLK pulses for each I/O transmission. The number of SCLK pulses that the
ADC expects to see is the same as the digital output word length. The digital output word length is controlled by
the Data Out (DO) format. The DO format maybe changed any time a conversion is started or when the sign bit
is turned on or off. The table below details out the number of clock periods required for different DO formats:
DO Format
Number of SCLKs Expected
SIGN OFF
8
8-Bit MSB or LSB First
SIGN ON
9
SIGN OFF
12
12-Bit MSB or LSB First
SIGN ON
13
SIGN OFF
16
16-Bit MSB or LSB first
SIGN ON
17
If erroneous SCLK pulses desynchronize communications, the simplest way to recover is by cycling the power
supply to the device. Not being able to easily resynchronize the device is a shortcoming of leaving CS low
continuously.
The number of clock pulses required for an I/O exchange may be different for the case when CS is left low
continuously vs. the case when CS is cycled. Take the I/O sequence detailed in Figure 61 (Typical Power Supply
Sequence) as an example. The table below lists the number of SCLK pulses required for each instruction:
Instruction
CS Low Continuously
CS Strobed
Auto Cal
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 1
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 2
13 SCLKs
13 SCLKs
1.4 Analog Input Channel Selection
The data input at DI also selects the channel configuration (see Table 2, Table 3, Table 4, and Table 5). In
Figure 62 the only times when the channel configuration could be modified is during I/O sequences 1, 4, 5 and 6.
Input channels are reselected before the start of each new conversion. Shown below is the data bit stream
required at DI, during I/O sequence number 4 in Figure 62, to set CH1 as the positive input and CH0 as the
negative input for the different versions of ADCs:
Part
DI Data(1)
Number
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
ADC12H030ADC12030
L
H
L
L
H
L
X
X
ADC12H032ADC12032
L
H
L
L
H
L
X
X
ADC12H034ADC12034
L
H
L
L
L
H
L
X
ADC12H038ADC12038
L
H
L
L
L
L
H
L
(1)
X can be a logic high (H) or low (L).
1.5 Power Up/Down
The ADC may be powered down by taking the PD pin HIGH or by the instruction input at DI (see Table 5 and
Table 6, and the Power Up/Down timing diagrams). When the ADC is powered down in this way, the ADC
conversion circuitry is deactivated but the digital I/O circuitry is kept active.
32
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com