Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 2 Page - Texas Instruments

  ADS5474IPFP Datasheet HTML 1Page - Texas Instruments ADS5474IPFP Datasheet HTML 2Page - Texas Instruments ADS5474IPFP Datasheet HTML 3Page - Texas Instruments ADS5474IPFP Datasheet HTML 4Page - Texas Instruments ADS5474IPFP Datasheet HTML 5Page - Texas Instruments ADS5474IPFP Datasheet HTML 6Page - Texas Instruments ADS5474IPFP Datasheet HTML 7Page - Texas Instruments ADS5474IPFP Datasheet HTML 8Page - Texas Instruments ADS5474IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
ADS5474IPFP
Tray, 96
HTQFP-80(2)
ADS5474
PFP
–40°C to +85°C
ADS5474I
PowerPAD
ADS5474IPFPR
Tape and Reel, 1000
(1)
For the most current product and ordering information see the Package Option Addendum located at the end of this document, or see
the TI web site at www.ti.com.
(2)
Thermal pad size: 6.15 mm
× 6.15 mm (minimum), 7.5 mm × 7.5 mm (maximum).
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS5474
UNIT
AVDD5 to GND
6
V
Supply voltage
AVDD3 to GND
5
V
DVDD3 to GND
5
V
Analog input to
Valid when supplies are on and within normal ranges. See additional
–0.3 to (AVDD5 + 0.3)
V
GND
information in the Power Supplies portion of the applications information
in the back of the datasheet regarding Clock and Analog Inputs when the
Clock input to GND
–0.3 to (AVDD5 + 0.3)
V
supplies are off.
CLK to CLK
±2.5
V
Digital data output to GND
–0.3 to (DVDD3 + 0.3)
V
Operating temperature range
–40 to +85
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65 to +150
°C
ESD, human-body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. Kirkendall voidings and current density information for calculation of expected lifetime are available upon
request.
THERMAL CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered thermal pad, no airflow
23.7
RθJA
(2)
Soldered thermal pad, 150-LFM airflow
17.8
°C/W
Soldered thermal pad, 250-LFM airflow
16.4
RθJP
(3)
Bottom of package (thermal pad)
2.99
°C/W
(1)
Using 36 thermal vias (6
× 6 array). See PowerPAD Package in the Application Information section.
(2)
RθJA is the thermal resistance from the junction to ambient.
(3)
RθJP is the thermal resistance from the junction to the thermal pad.
2
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com