Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 8Page - Texas Instruments ADS5474IPFP Datasheet HTML 9Page - Texas Instruments ADS5474IPFP Datasheet HTML 10Page - Texas Instruments ADS5474IPFP Datasheet HTML 11Page - Texas Instruments ADS5474IPFP Datasheet HTML 12Page - Texas Instruments ADS5474IPFP Datasheet HTML 13Page - Texas Instruments ADS5474IPFP Datasheet HTML 14Page - Texas Instruments ADS5474IPFP Datasheet HTML 15Page - Texas Instruments ADS5474IPFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
f
=69MHz, 7dBFS
IN1
-
f
=70MHz, 7dBFS
IN2
-
IMD3=97.3dBFS
SFDR=93.4dBFS
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
f
=297.5MHz, 7dBFS
f
=302.5MHz, 7dBFS
IMD3=85.1dBFS
SFDR=85dBFS
IN1
IN2
-
-
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
200
80
100
120
f
=69MHz, 16dBFS
f
=70MHz, 16dBFS
IMD3=98dBFS
SFDR=95.7dFBS
IN1
IN2
-
-
140
160
180
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
200
80
100
120
f
=297.5MHz, 16dBFS
f
=302.5MHz, 16dBFS
IMD3=94.4dBFS
SFDR=83.1dFBS
IN1
IN2
-
-
140
160
180
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
TWO-TONE INTERMODULATION DISTORTION
TWO-TONE INTERMODULATION DISTORTION
(FFT for 69 MHz and 70 MHz at
–7 dBFS)
(FFT for 297.5 MHz and 302.5 MHz at
–7 dBFS)
Figure 10.
Figure 11.
TWO-TONE INTERMODULATION DISTORTION
TWO-TONE INTERMODULATION DISTORTION
(FFT for 69 MHz and 70 MHz at
–16 dBFS)
(FFT for 297.5 MHz and 302.5 MHz at
–16 dBFS)
Figure 12.
Figure 13.
12
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com