Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 24Page - Texas Instruments ADS5474IPFP Datasheet HTML 25Page - Texas Instruments ADS5474IPFP Datasheet HTML 26Page - Texas Instruments ADS5474IPFP Datasheet HTML 27Page - Texas Instruments ADS5474IPFP Datasheet HTML 28Page - Texas Instruments ADS5474IPFP Datasheet HTML 29Page - Texas Instruments ADS5474IPFP Datasheet HTML 30Page - Texas Instruments ADS5474IPFP Datasheet HTML 31Page - Texas Instruments ADS5474IPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Thisisanexampleblockdiagram.
Low-JitterClockDistribution
ADC
ADS5474
VCXO
REF
CDC
(ClockDistributionChip)
CDCM7005
800MHz(totransmitDAC)
100MHz(toDSP)
200MHz(toFPGA)
ToOther
BoardMaster
ReferenceClock
(highorlowjitter)
10MHz
400MHz
Low-JitterOscillator
800MHz
LVPECL
LVPECL
or
LVCMOS
CLKIN
CLKIN
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
Consult the CDCM7005 data sheet for proper schematic and specifications regarding allowable input and output
frequency and amplitude ranges.
Figure 48. Acceptable Jitter Clock Circuit
Digital Outputs
The ADC provides 14 LVDS-compatible, offset binary data outputs (D13 to D0; D13 is the MSB and D0 is the
LSB), a data-ready signal (DRY), and an over-range indicator (OVR). It is recommended to use the DRY signal
to capture the output data of the ADS5474. DRY is source-synchronous to the DATA/OVR outputs and operates
at the same frequency, creating a half-rate DDR interface that updates data on both the rising and falling edges
of DRY. It is recommended that the capacitive loading on the digital outputs be minimized. Higher capacitance
shortens the data-valid timing window. The values given for timing (see Figure 1) were obtained with a measured
10-pF parasitic board capacitance to ground on each LVDS line (or 5-pF differential parasitic capacitance). When
setting the time relationship between DRY and DATA at the receiving device, it is generally recommended that
setup time be maximized, but this partially depends on the setup and hold times of the device receiving the
digital data (like an FPGA or Field Programmable Field Array). Since DRY and DATA are coincident, it will likely
be necessary to delay either DRY or DATA such that setup time is maximized.
Referencing Figure 1, the polarity of DRY with respect to the sample N data output transition is undetermined
because of the unknown startup logic level of the clock divider that generates the DRY signal (DRY is a
frequency divide-by-two of CLK). Either the rising or the falling edge of DRY will be coincident with sample N and
the polarity of DRY could invert when power is cycled off/on or when the power-down pin is cycled. Data capture
from the transition and not the polarity of DRY is recommended, but not required. If the synchronization of
multiple ADS5474 devices is required, it might be necessary to use a form of the CLKIN signal rather than DRY
to capture the data.
The DRY frequency is identical on the ADS5474 and ADS5463 (where DRY equals
½ the CLK frequency), but
different than it is on the pin-similar ADS5444/ADS5440 (where DRY equals the CLK frequency). The LVDS
outputs all require an external 100-
Ω load between each output pair in order to meet the expected LVDS voltage
levels. For long trace lengths, it may be necessary to place a 100-
Ω load on each digital output as close to the
ADS5474 as possible and another 100-
Ω differential load at the end of the LVDS transmission line to provide
matched impedance and avoid signal reflections. The effective load in this case reduces the LVDS voltage levels
by half.
The OVR output equals a logic high when the 14-bit output word attempts to exceed either all 0s or all 1s. This
flag is provided as an indicator that the analog input signal exceeded the full-scale input limit of approximately
2.2 VPP (± gain error). The OVR indicator is provided for systems that use gain control to keep the analog input
signal within acceptable limits.
28
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com