Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 7Page - Texas Instruments ADS5474IPFP Datasheet HTML 8Page - Texas Instruments ADS5474IPFP Datasheet HTML 9Page - Texas Instruments ADS5474IPFP Datasheet HTML 10Page - Texas Instruments ADS5474IPFP Datasheet HTML 11Page - Texas Instruments ADS5474IPFP Datasheet HTML 12Page - Texas Instruments ADS5474IPFP Datasheet HTML 13Page - Texas Instruments ADS5474IPFP Datasheet HTML 14Page - Texas Instruments ADS5474IPFP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=75.5dBc
SNR=69.2dBFS
SINAD=68.3dBFS
THD=74.7dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=71.4dBc
SNR=68.4dBFS
SINAD=65.8dBFS
THD=68.3dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=54.5dBc
SNR=66.6dBFS
SINAD=55.1dBFS
THD=54.4dBc
Frequency
MHz
-
0
-20
-40
-60
-80
-100
-120
0
20
40
60
80
100
120
140
160
180
200
SFDR=46dBc
SNR=64.7dBFS
SINAD=46.4dBFS
THD=45.5dBc
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude
=
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 351 MHz INPUT SIGNAL
FFT FOR 451 MHz INPUT SIGNAL
Figure 6.
Figure 7.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 751 MHz INPUT SIGNAL
FFT FOR 999 MHz INPUT SIGNAL
Figure 8.
Figure 9.
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com