Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 29Page - Texas Instruments ADS5474IPFP Datasheet HTML 30Page - Texas Instruments ADS5474IPFP Datasheet HTML 31Page - Texas Instruments ADS5474IPFP Datasheet HTML 32Page - Texas Instruments ADS5474IPFP Datasheet HTML 33Page - Texas Instruments ADS5474IPFP Datasheet HTML 34Page - Texas Instruments ADS5474IPFP Datasheet HTML 35Page - Texas Instruments ADS5474IPFP Datasheet HTML 36Page - Texas Instruments ADS5474IPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
ADS5474
www.ti.com
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
REVISION HISTORY
Changes from Revision A (August 2008) to Revision B
Page
•
Changed 1.6pF to 2.3pF TYP Input capacitance in ELECTRICAL CHARACTERISTICS ................................................... 3
•
Changed (where DRY equals the CLK frequency) to (where DRY equals
½ the CLK frequency) in Digital Outputs
section ................................................................................................................................................................................. 28
Copyright
© 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com