Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFP
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFP Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5474IPFP Datasheet HTML 28Page - Texas Instruments ADS5474IPFP Datasheet HTML 29Page - Texas Instruments ADS5474IPFP Datasheet HTML 30Page - Texas Instruments ADS5474IPFP Datasheet HTML 31Page - Texas Instruments ADS5474IPFP Datasheet HTML 32Page - Texas Instruments ADS5474IPFP Datasheet HTML 33Page - Texas Instruments ADS5474IPFP Datasheet HTML 34Page - Texas Instruments ADS5474IPFP Datasheet HTML 35Page - Texas Instruments ADS5474IPFP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
SNR + 10log10
P
S
P
N
SINAD + 10log10
P
S
P
N ) PD
THD + 10log10
P
S
P
D
ADS5474
SLAS525B
– JULY 2007 – REVISED FEBRUARY 2012
www.ti.com
DEFINITION OF SPECIFICATIONS
The injected frequency level is translated into dBFS,
the spur in the output FFT is measured in dBFS, and
Analog Bandwidth
the difference is the PSRR in dB. The measurement
The analog input frequency at which the power of the
calibrates out the benefit of the board supply
fundamental is reduced by 3 dB with respect to the
decoupling capacitors.
low-frequency value.
Signal-to-Noise Ratio (SNR)
Aperture Delay
SNR is the ratio of the power of the fundamental (PS)
The delay in time between the rising edge of the input
to the noise floor power (PN), excluding the power at
sampling clock and the actual time at which the
dc and in the first five harmonics.
sampling occurs.
Aperture Uncertainty (Jitter)
(4)
The sample-to-sample variation in aperture delay.
SNR is either given in units of dBc (dB to carrier)
Clock Pulse Duration/Duty Cycle
when the absolute power of the fundamental is used
The duty cycle of a clock signal is the ratio of the time
as the reference, or dBFS (dB to full-scale) when the
the clock signal remains at a logic high (clock pulse
power of the fundamental is extrapolated to the
duration) to the period of the clock signal, expressed
converter full-scale range.
as a percentage.
Signal-to-Noise and Distortion (SINAD)
Differential Nonlinearity (DNL)
SINAD is the ratio of the power of the fundamental
An ideal ADC exhibits code transitions at analog input
(PS) to the power of all the other spectral components
values spaced exactly 1 LSB apart. DNL is the
including noise (PN) and distortion (PD), but excluding
deviation of any single step from this ideal value,
dc.
measured in units of LSB.
Common-Mode Rejection Ratio (CMRR)
CMRR measures the ability to reject signals that are
(5)
presented to both analog inputs simultaneously. The
SINAD is either given in units of dBc (dB to carrier)
injected common-mode frequency level is translated
when the absolute power of the fundamental is used
into dBFS, the spur in the output FFT is measured in
as the reference, or dBFS (dB to full-scale) when the
dBFS, and the difference is the CMRR in dB.
power of the fundamental is extrapolated to the
Effective Number of Bits (ENOB)
converter full-scale range.
ENOB is a measure in units of bits of converter
Temperature Drift
performance as compared to the theoretical limit
Temperature drift (with respect to gain error and
based on quantization noise:
offset error) specifies the change from the value at
ENOB = (SINAD
– 1.76)/6.02
(3)
the nominal temperature to the value at TMIN or TMAX.
It is computed as the maximum variation the
Gain Error
parameters over the whole temperature range divided
Gain error is the deviation of the ADC actual input
by TMIN – TMAX.
full-scale range from its ideal value, given as a
percentage of the ideal input full-scale range.
Total Harmonic Distortion (THD)
THD is the ratio of the power of the fundamental (PS)
Integral Nonlinearity (INL)
to the power of the first five harmonics (PD).
INL is the deviation of the ADC transfer function from
a best-fit line determined by a least-squares curve fit
of that transfer function. The INL at each analog input
(6)
value is the difference between the actual transfer
function and this best-fit line, measured in units of
THD is typically given in units of dBc (dB to carrier).
LSB.
Two-Tone Intermodulation Distortion (IMD3)
Offset Error
IMD3 is the ratio of the power of the fundamental (at
Offset error is the deviation of output code from
frequencies f1, f2) to the power of the worst spectral
mid-code
when
both
inputs
are
tied
to
component at either frequency 2f1 – f2 or 2f2 – f1).
common-mode.
IMD3 is given in units of either dBc (dB to carrier)
when the absolute power of the fundamental is used
Power-Supply Rejection Ratio (PSRR)
as the reference, or dBFS (dB to full-scale) when the
PSRR is a measure of the ability to reject frequencies
power of the fundamental is extrapolated to the
present on the power supply.
converter full-scale range.
32
Submit Documentation Feedback
Copyright
© 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com