Electronic Components Datasheet Search
  English  ▼

X  

AS5147 Datasheet(PDF) 11 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 11 Page - ams AG

Back Button AS5147 Datasheet HTML 7Page - ams AG AS5147 Datasheet HTML 8Page - ams AG AS5147 Datasheet HTML 9Page - ams AG AS5147 Datasheet HTML 10Page - ams AG AS5147 Datasheet HTML 11Page - ams AG AS5147 Datasheet HTML 12Page - ams AG AS5147 Datasheet HTML 13Page - ams AG AS5147 Datasheet HTML 14Page - ams AG AS5147 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ams Datasheet: 2014-Jun-27 [v1-04]
AS5147 – 11
Detaile d Desc rip t ion
Figure 13:
SPI Timing
SPI Transaction
An SPI transaction consists of a 16-bit command frame followed
by a 16-bit data frame. Figure 14 shows the structure of the
command frame.
Figure 14:
SPI Command Frame
Parameter
Description
Min
Max
Units
tL
Time between CSn falling edge and CLK rising edge
350
ns
tclk
Serial clock period
100
ns
tclkL
Low period of serial clock
50
ns
tclkH
High period of serial clock
50
ns
tH
Time between last falling edge of CLK and rising
edge of CSn
tclk/2
ns
tCSn
High time of CSn between two transmissions
350
ns
tMOSI
Data input valid to falling clock edge
20
ns
tMISO
CLK edge to data output valid
20
ns
tOZ
Release bus time after CS rising edge.
10
ns
Bit
Name
Description
15
PARC
Parity bit (even) calculated on the command frame
14
R/W
0: Write
1: Read
13:0
ADDR
Address to read or write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com