| Electronic Components Datasheet Search |
|
AS5147 Datasheet(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5147 Datasheet(HTML) 18 Page - ams AG |
|
18 / 35 page ![]() AS5147 – 18 ams Datasheet: 2014-Jun-27 [v1-04] De tail ed De sc rip t ion Figure 31: RED (0x001A) ABI Incremental Interface The AS5147 can send the angle position to the host microcontroller through an incremental interface. This interface is available simultaneously with the other interfaces. By default, the incremental interface is set to work at the highest resolution (11 bits), which corresponds to 2048 steps per revolution or 512 pulses per revolution (ppr). This resolution can be cut in half using the OTP bit ABIRES, which results in 1024 steps per revolution or 256 pulses per revolution. The phase shift between the A and B signals indicates the rotation direction: e.g. DIR-Bit = 0, clockwise (B leads, A follows) or counterclockwise (A leads, B follows) as viewed from above the magnet and AS5147. The DIR bit can be used to invert the sense of the rotation direction. The IWIDTH setting programs the width of the index pulse from 3 LSB (default) to 1 LSB. Figure 32: ABI Signals at 11-Bit Resolution N = 2048 for 11-bit resolution, and N = 1024 for 10-bit resolution. The Figure 32 shows the ABI signal flow if the magnet rotates in clockwise direction, placing the magnet on the top of the AS5147 and looking at the magnet from the top (DIR=1).. With the bit DIR, it is possible to invert the rotation direction. Name Read/Write/ Program Bit Position Description REDUNDANCY R/W/P 4:0 Redundancy bits. This field enables with force to high one bit of the Non-Volatile register map after a non-successful burning. For more details please refer to the application note “AN5000 – AS5147_Redundancy_Bits” 01 2 3 4 5 6 7 8 N-1 N-2 N-3 N-4 N-5 N-6 1 2 3 4 5 6 7 0 N-1 N-2 N-3 N-4 A B I N-7 Steps Clockwise rotation Counter-clockwise rotation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |