Electronic Components Datasheet Search
  English  ▼

X  

AS5147 Datasheet(PDF) 12 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 12 Page - ams AG

Back Button AS5147 Datasheet HTML 8Page - ams AG AS5147 Datasheet HTML 9Page - ams AG AS5147 Datasheet HTML 10Page - ams AG AS5147 Datasheet HTML 11Page - ams AG AS5147 Datasheet HTML 12Page - ams AG AS5147 Datasheet HTML 13Page - ams AG AS5147 Datasheet HTML 14Page - ams AG AS5147 Datasheet HTML 15Page - ams AG AS5147 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AS5147 – 12
ams Datasheet: 2014-Jun-27 [v1-04]
De tail ed De sc rip t ion
To increase the reliability of communication over the SPI, an
even parity bit (PARC) must be generated and sent. A wrong
setting of the parity bit causes the PARERR bit in the error flag
register to be set. The parity bit is calculated from the 16-bit
command frame. The 16-bit command specifies whether the
transaction is a read or a write and the address. Figure 15 shows
the read data frame.
Figure 15:
SPI Read Data Frame
The data is sent on the MISO pin. The parity bit PARD is
calculated by the AS5147 for the 16-bit data frame. If an error
is detected in the previous SPI command frame, the EF bit is set
high. The SPI read is sampled on the rising edge of CSn and the
data is transmitted on MISO with the next read command, as
shown in Figure 16.
Figure 16:
SPI Read
Bit
Name
Description
15
PARD
Parity bit (even) for the data frame
14
EF
0: No command frame error command occurred
1: Error occurred
13:0
DATA
Data
Read ADD[n]
Read ADD[k]
CSn
Read ADD[p]
Data ADD[n]
Data ADD[p]
Read ADD[m]
Data ADD[k]
Command
Command
Command
Command
Data
Data
Data
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com