Electronic Components Datasheet Search
  English  ▼

X  

AS5147 Datasheet(PDF) 26 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 26 Page - ams AG

Back Button AS5147 Datasheet HTML 22Page - ams AG AS5147 Datasheet HTML 23Page - ams AG AS5147 Datasheet HTML 24Page - ams AG AS5147 Datasheet HTML 25Page - ams AG AS5147 Datasheet HTML 26Page - ams AG AS5147 Datasheet HTML 27Page - ams AG AS5147 Datasheet HTML 28Page - ams AG AS5147 Datasheet HTML 29Page - ams AG AS5147 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
AS5147 – 26
ams Datasheet: 2014-Jun-27 [v1-04]
A p pl i c at io n I n f o r m at i o n
Figure 37:
Minimum Circuit Diagram for the AS5147
Note(s) and/or Footnote(s):
1. In terms of EMC and for remote application, additional circuits are necessary.
CSn
CLK
MISO
MOSI
TEST
A
B
GND
VDD3V
VDD
U
V
W
4.5 – 5.5V
1µF
100nF
MCU
VDD
GND
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com