Electronic Components Datasheet Search
  English  ▼

X  

AS5147 Datasheet(PDF) 6 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 6 Page - ams AG

Back Button AS5147 Datasheet HTML 2Page - ams AG AS5147 Datasheet HTML 3Page - ams AG AS5147 Datasheet HTML 4Page - ams AG AS5147 Datasheet HTML 5Page - ams AG AS5147 Datasheet HTML 6Page - ams AG AS5147 Datasheet HTML 7Page - ams AG AS5147 Datasheet HTML 8Page - ams AG AS5147 Datasheet HTML 9Page - ams AG AS5147 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AS5147 – 6
ams Datasheet: 2014-Jun-27 [v1-04]
M a g n et ic Ch arac ter i st i c s
Figure 7:
Magnetic Specifications
Note(s) and/or Footnote(s):
1. it is possible to operate the AS5147 below 35mT with reduced noise performance.
Figure 8:
System Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
Bz
Orthogonal magnetic field
strength, normal operating
mode
Required orthogonal component of the
magnetic field strength measured at the
die's surface along a circle of 1.1mm
35
70
mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core resolution
14
bit
RES_ABI
Resolution of the ABI
interface
Programmable with
register setting
(ABIRES)
10
11
bit
INLOPT @ 25°C
Non-linearity, optimum
placement of the
magnet
±0.8
Deg
INLOPT+TEMP
Non-linearity optimum
placement of the
magnet over the full
Temperature Range
±1
Deg
INLDIS+TEMP
Non-linearity @
displacement of
magnet and
temperature -40°C to
150°C
Assuming N35H
Magnet
(D=8mm, H=3mm)
500um displacement
in x and y
z-distance @ 2000um
±1.2
Deg
ONL
RMS output noise
(1 sigma)
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET = 0
0.068
degree
ONH
RMS output noise
(1 sigma) on SPI, ABI
and UVW interfaces
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET = 1
0.082
degree
Magnetic Characteristics
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com