Electronic Components Datasheet Search
  English  ▼

X  

AS5147 Datasheet(PDF) 16 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 16 Page - ams AG

Back Button AS5147 Datasheet HTML 12Page - ams AG AS5147 Datasheet HTML 13Page - ams AG AS5147 Datasheet HTML 14Page - ams AG AS5147 Datasheet HTML 15Page - ams AG AS5147 Datasheet HTML 16Page - ams AG AS5147 Datasheet HTML 17Page - ams AG AS5147 Datasheet HTML 18Page - ams AG AS5147 Datasheet HTML 19Page - ams AG AS5147 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AS5147 – 16
ams Datasheet: 2014-Jun-27 [v1-04]
De tail ed De sc rip t ion
Figure 25:
ANGLECOM (0x3FFF)
Non-Volatile Registers (OTP)
A nonvolatile memory (One-Time Programmable) is used store
the zero position of the magnet and custom settings.
Figure 26:
Non-Volatile Register Table
Figure 27:
ZPOSM (0x0016)
Figure 28:
ZPOSL (0x0017)
Name
Read/Write
Bit Position
Description
DAECANG
R
13:0
Angle information with dynamic angle error
compensation
Address
Name
Default
Description
0x0016
ZPOSM
0x0000
Zero position MSB
0x0017
ZPOSL
0x0000
Zero position LSB/ MAG diagnostic
0x0018
SETTINGS1
0x0000
Custom setting register 1
0x0019
SETTINGS2
0x0000
Custom setting register 2
0x001A
RED
0x0000
Redundancy register
Name
Read/Write/Program
Bit Position
Description
ZPOSM
R/W/P
7:0
8 most significant bits of the zero position
Name
Read/Write/Program
Bit Position
Description
ZPOSL
R/W/P
5:0
6 least significant bits of the zero position
comp_l_error_en
R/W/P
6
This bit enables the contribution of MAGH
(Magnetic field strength too high) to the
system_error
comp_h_error_en
R/W/P
7
This bit enables the contribution of MAGL
(Magnetic field strength too low) to the
system_error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com