Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 7 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 7 Page - ams AG

Back Button AS5247 Datasheet HTML 3Page - ams AG AS5247 Datasheet HTML 4Page - ams AG AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG AS5247 Datasheet HTML 10Page - ams AG AS5247 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 7
Ma g n etic C h arac teristics
Figure 7:
Magnetic Specifications
Note(s) and/or Footnote(s):
1. It is possible to operate the AS5247 below 35mT with reduced noise performance.
Figure 8:
System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bz
Orthogonal magnetic
field strength, normal
operating mode
Required orthogonal component of
the magnetic field strength measured
at the die's surface along a circle of
1.1mm
35
70
mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core resolution
14
bit
RES_ABI
Resolution of the ABI
interface
Programmable with
register setting
(ABIRES)
10
11
bit
INLOPT @ 25°C
Non-linearity, optimum
placement of the
magnet
±0.8
Deg
INLOPT+TEMP
Non-linearity optimum
placement of the
magnet over the full
Temperature Range
±1
Deg
INLDIS+TEMP
Non-linearity @
displacement of
magnet and
temperature -40°C to
150°C
Assuming N35H
Magnet
(D=8mm, H=3mm)
500um displacement
in x and y
z-distance @ 2000um
±1.2
Deg
ONL
RMS output noise
(1 sigma)
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET= 0
0.068
degree
ONH
RMS output noise
(1 sigma) on SPI, ABI
and UVW interfaces
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET= 1
0.082
degree
Magnetic Characteristics
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com