Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 17 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 17 Page - ams AG

Back Button AS5247 Datasheet HTML 13Page - ams AG AS5247 Datasheet HTML 14Page - ams AG AS5247 Datasheet HTML 15Page - ams AG AS5247 Datasheet HTML 16Page - ams AG AS5247 Datasheet HTML 17Page - ams AG AS5247 Datasheet HTML 18Page - ams AG AS5247 Datasheet HTML 19Page - ams AG AS5247 Datasheet HTML 20Page - ams AG AS5247 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 17
Detaile d Desc rip t ion
Figure 25:
ANGLECOM (0x3FFF)
Non-Volatile Registers (OTP)
A nonvolatile memory (One-Time Programmable) is used to
store the zero position of the magnet and the custom settings.
The nonvolatile memory is only available after the device is
programmed otherwise the nonvolatile memory is empty after
the POR.
Figure 26:
Non-Volatile Register Table
Figure 27:
ZPOSM (0x0016)
Figure 28:
ZPOSL (0x0017)
Name
Read/Write
Bit Position
Description
DAECANG
R
13:0
Angle information with dynamic angle error compensation.
Address
Name
Default
Description
0x0016
ZPOSM
0x0000
Zero position MSB
0x0017
ZPOSL
0x0000
Zero position LSB/MAG diagnostic
0x0018
SETTINGS1
0x0000
Custom setting register1
0x0019
SETTINGS2
0x0000
Custom setting register 2
0x001A
RED
0x0000
Redundancy register
Name
Read/Write/Program
Bit Position
Description
ZPOSM
R/W/P
7:0
8 most significant bits of the zero position
Name
Read/Write/Program
Bit Position
Description
ZPOSL
R/W/P
5:0
6 least significant bits of the zero position
comp_l_error_en
R/W/P
6
This bit enables the contribution of
MAGH (Magnetic field strength too high)
to the system_error
comp_h_error_en
R/W/P
7
This bit enables the contribution of MAGL
(Magnetic field strength too low) to the
system_error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com