Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 9 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 9 Page - ams AG

Back Button AS5247 Datasheet HTML 5Page - ams AG AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG AS5247 Datasheet HTML 10Page - ams AG AS5247 Datasheet HTML 11Page - ams AG AS5247 Datasheet HTML 12Page - ams AG AS5247 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 9
Detaile d Desc rip t ion
The AS5547 is a Hall-effect magnetic sensor using a CMOS
lateral technology. The lateral Hall sensors convert the
magnetic field component perpendicular to the surface of the
chip into a voltage.
The signals from the Hall sensors are amplified and filtered by
the analog front-end (AFE) before being converted by the
analog-to-digital converter (ADC). The output of the ADC is
processed by the hardwired CORDIC (coordinate rotating
digital computer) block to compute the angle and magnitude
of the magnetic vector. The intensity of the magnetic field
(magnitude) is used by the automatic gain control (AGC) to
adjust the amplification level for compensation of the
temperature and magnetic field variations.
The internal 14-bit resolution is available by reading a register
through the SPI interface. The resolution on the ABI output can
be programmed for 10 or 11bits.
The Dynamic Angle Error Compensation block corrects the
calculated angle for latency using a linear prediction
calculation algorithm. At constant rotation speed the latency
time is internally compensated by the AS5247, reducing the
dynamic angle error at the SPI, ABI and UVW outputs. The
AS5247 allows selecting between a UVW / ABI output and a
PWM-encoded interface on the W-pin or the I-pin
At higher speeds, the interpolator fills in missing ABI pulses and
generates the UVW signals with no loss of resolution. The
non-volatile settings in the AS5247can be programmed
through the SPI interface without any dedicated programmer.
Power Management
The AS5247 can be either powered from a 5.0V supply using the
on-chip low-dropout regulator or from a 3.3V voltage supply.
The LDO regulator is not intended to power any other loads,
and it needs a 1 μF capacitor to ground located close to the chip
for decoupling as shown in Figure 11.
In 3.3V operation, VDD and VREG must be tied together. In this
configuration, normal noise performance (ONL) is available at
reduced maximum temperature (125°C) by clearing NOISESET
to 0. When NOISESET is set to 1, the full temperature range is
available with reduced noise performance (ONH).
Figure 10:
Temperature Range and Output Nosie in 3.3V and 5.0V Mode
VDD (V)
NOISESET
Temperature Range (°C)
RMS Output Noise (degree)
5.0
0
-40 ~ 150
0.068
3.3
0
-40 ~ 125
0.068
3.3
1
-40 ~ 150
0.082
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com