Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 18 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 18 Page - ams AG

Back Button AS5247 Datasheet HTML 14Page - ams AG AS5247 Datasheet HTML 15Page - ams AG AS5247 Datasheet HTML 16Page - ams AG AS5247 Datasheet HTML 17Page - ams AG AS5247 Datasheet HTML 18Page - ams AG AS5247 Datasheet HTML 19Page - ams AG AS5247 Datasheet HTML 20Page - ams AG AS5247 Datasheet HTML 21Page - ams AG AS5247 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AS5247 – 18
ams Datasheet: 2014-Jun-20 [v1-02]
De tail ed De sc rip t ion
Figure 29:
SETTINGS1 (0x0018)
Figure 30:
SETTINGS2 (0x0019)
The hysteresis is in terms of the chosen resolution
(11 bits vs. 10bits) The ABIRES resolution does not affect the
UVW signals.
Name
Read/Write/Program
Bit Position
Description
IWIDTH
R/W/P
0
Width of the index pulse I
(0 = 3LSB, 1 = 1LSB)
NOISESET
R/W/P
1
Noise setting
DIR
R/W/P
2
Rotation direction
UVW_ABI
R/W/P
3
Defines the PWM Output
(0 = ABI is operating, W is used as PWM
1 = UVW is operating, I is used as PWM)
DAECDIS
R/W/P
4
Disable Dynamic Angle Error
Compensation (0 = DAE compensation
on, 1 = DAE compensation off )
Dataselect
R/W/P
6
This bit defines which data can be read
form
address 16383dec (3FFFhex).
0
→ DAECANG
1
→ CORDICANG
PWMon
R/W/P
7
enables PWM (setting of UVW_ABI Bit
necessary)
Name
Read/Write/Program
Bit Position
Description
UVWPP
R/W/P
2:0
UVW number of pole pairs
(000=1, 001=2, 010=3, 011=4, 100=5,
101=6, 110=7,111=7)
HYS
R/W/P
4:3
Hysteresis
for 11 Bit ABI Resolution: (00=3LSB, 01=
2LSB,10=1LSB,11=no hysteresis)
for 10 Bit ABI Resolution: (00=2LSB, 01=
1LSB,10=no Hysteresis LSB,11=3LSB)
ABIRES
R/W/P
5
Resolution of ABI (0=11 bits, 1=10 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com