Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 10 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 10 Page - ams AG

Back Button AS5247 Datasheet HTML 6Page - ams AG AS5247 Datasheet HTML 7Page - ams AG AS5247 Datasheet HTML 8Page - ams AG AS5247 Datasheet HTML 9Page - ams AG AS5247 Datasheet HTML 10Page - ams AG AS5247 Datasheet HTML 11Page - ams AG AS5247 Datasheet HTML 12Page - ams AG AS5247 Datasheet HTML 13Page - ams AG AS5247 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AS5247 – 10
ams Datasheet: 2014-Jun-20 [v1-02]
De tail ed De sc rip t ion
Figure 11:
5.0V and 3.3V Power Supply Options
After applying power to the chip, the power-on time (tpon)
must elapse before the AS5247 provides the first valid data.
Dynamic Angle Error Compensation
The AS5247 uses 4 integrated Hall sensors on Bottom Die and
Top Die, which produce a voltage proportional to the
orthogonal component of the magnetic field to the die. These
voltage signals are amplified, filtered, and converted into the
digital domain to allow the CORDIC digital block to calculate
the angle of the magnetic vector. Propagation of these signals
through the analog front-end and digital back-end generates a
fixed delay between the time of measurement and the
availability of the measured angle at the outputs. This latency
generates a dynamic angle error represented by the product of
the angular speed
ω and the system propagation delay (tdelay):
DAE =
ω x tdelay
The dynamic angle compensation block calculates the current
magnet rotation speed (
ω) and multiplies it with the system
propagation delay (tdelay) to determine the correction angle
to reduce this error. At constant speed, the residual system
propagation delay is tdelay_ DAEC.
The angle represented on the PWM interface is not
compensated by the Dynamic Angle Error Compensation
algorithm. It is also possible to disable the Dynamic Angle Error
Compensation with the DAECDIS setting. Disabling the
Dynamic Angle Error Compensation gives a noise benefit of
0.016 degree rms. This setting can be advantageous for low
speed ( under 100 RPM) respectively static positioning
applications.
1µF
100nF
4.5 - 5.5V
VDD3V3
GND
VDD
5.0V Operation
LDO
AS5247
100nF
3.0 – 3.6V
VDD3V3
GND
VDD
3.3V Operation
LDO
AS5247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com