Electronic Components Datasheet Search
  English  ▼

X  

AS5247 Datasheet(PDF) 27 Page - ams AG

Part # AS5247
Description  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5247 Datasheet(HTML) 27 Page - ams AG

Back Button AS5247 Datasheet HTML 23Page - ams AG AS5247 Datasheet HTML 24Page - ams AG AS5247 Datasheet HTML 25Page - ams AG AS5247 Datasheet HTML 26Page - ams AG AS5247 Datasheet HTML 27Page - ams AG AS5247 Datasheet HTML 28Page - ams AG AS5247 Datasheet HTML 29Page - ams AG AS5247 Datasheet HTML 30Page - ams AG AS5247 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ams Datasheet: 2014-Jun-20 [v1-02]
AS5247 – 27
Appl icatio n I n f o rm a t i o n
This procedure has to be done twice, for the Top Die and for the
Bottom Die.
Figure 37:
Minimum Circuit Diagram for the AS5247
Note(s) and/or Footnote(s):
1. This application block diagram is showing the AS5247 using in a full redundant application. Interms of EMC and for remote
application, additional protection circuit is necessary.
4.5 – 5.5V
MCU
VDD1
GND1
GND2
VDD2
VDD_T
VDD_B
VDD3V3_B
TEST_T
TEST_B
U_T
VDD3V3_T
V_T
W_T
U_B
V_B
W_B
GND_B
CSn_T
CLK_T
MISO_T
MOSI_T
CSn_B
CLK_B
MISO_B
MOSI_B
I/PWM_T
A_T
B_T
I/PWM_B
A_B
B_B
GND_T
AS5247
4.5 – 5.5V
GND1
GND2
GND2
GND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com