Electronic Components Datasheet Search
  English  ▼

X  

AS8506C Datasheet(PDF) 23 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 23 Page - ams AG

Back Button AS8506C Datasheet HTML 19Page - ams AG AS8506C Datasheet HTML 20Page - ams AG AS8506C Datasheet HTML 21Page - ams AG AS8506C Datasheet HTML 22Page - ams AG AS8506C Datasheet HTML 23Page - ams AG AS8506C Datasheet HTML 24Page - ams AG AS8506C Datasheet HTML 25Page - ams AG AS8506C Datasheet HTML 26Page - ams AG AS8506C Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 23
Detaile d Desc rip t ion
The device consists of the following blocks:
• PWM driver
• LDO_5V with 5V / 50mA output
• Temperature monitor block
• High precision bandgap reference
• DAC for the reference voltage generation
• SAR ADC for cell voltage and external temperature
measurement
• Oscillators for PWM drive and for the digital logic
•Pre-Regulator
• SC Comparator
• Weak cell detection logic
• PORs on different supplies
Voltage Regulator (LDO_5V)
Power input to the LDO is VSUP pin. It is switched ON when the
device is in NORMAL mode and switched OFF in SLEEP mode.
The LDO takes the input from Bandgap and scales it up to the
required voltage. It starts charging only after entering NORMAL
mode. This LDO is the supply for DAC, the PWM driver and Cell
voltage comparators.It’s additional features are as follows:
• Stability is better than ±2.5% over input range.
• Load current up to 50mA.
High Precision Bandgap (HPBG)
AS8506C has a high precision bandgap to generate accurate
reference. This reference voltage is used to generate reference
for DAC and ADC.
HPBG is trimmed with respect to temperature. Variation of the
bandgap with temperature is ±4mV in the temperature range
from -40ºC to 115ºC.
External Temperature Monitor and
Measurement
Two sensor inputs TEMP_IN1 and TEMP_IN2 with a comparator
on each pin, are available. If the temperature sensor connected
to TEMP_IN1 crosses its threshold, then a warning flag is set in
the device (status can be read through SPI) and the device will
continue balancing.
If the temperature sensor connected to TEMP_IN2 crosses its
threshold, then a flag is set in the device and balancing is
stopped; but the device continues to stay in NORMAL mode for
maintaining synchronism. In both the cases, the
microcontroller will be interrupted by a pulse on
CVT_NOK_OUT pin.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com