Electronic Components Datasheet Search
  English  ▼

X  

AS8506C Datasheet(PDF) 33 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 33 Page - ams AG

Back Button AS8506C Datasheet HTML 29Page - ams AG AS8506C Datasheet HTML 30Page - ams AG AS8506C Datasheet HTML 31Page - ams AG AS8506C Datasheet HTML 32Page - ams AG AS8506C Datasheet HTML 33Page - ams AG AS8506C Datasheet HTML 34Page - ams AG AS8506C Datasheet HTML 35Page - ams AG AS8506C Datasheet HTML 36Page - ams AG AS8506C Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 33
Detaile d Desc rip t ion
Wake-up Event
The AS8506C device comes out of SLEEP mode by a wake pulse
on the WAKE_IN pin. To avoid false wake by noises on the
WAKE_IN, the wake signal (Low pulse) is taken through a
low-pass filter from WAKE_IN pin. When a pulse of width
Twake_pulse is given on the WAKE_IN by the microcontroller, the
device wakes up and enters into WAKE mode. The low-pass filter
discards all signals having width less than Tfilter_min and allows
all signals with width greater than Tfilter_max. The filter is
uncertain in Tuncertain region. The negative edge which is
passing through the filter will wake the device from SLEEP
mode. In chain of AS8506C devices, to propagate the negative
edge the microcontroller has to give minimum low pulse of
width Twake_pulse. Before entering into SLEEP mode the wake
pin must be ‘High’.
Figure 26:
WAKE-UP Signaling
WAKE_IN
wake_in_fltrd
Tfilter_min
Tfilter_max
Tuncertain
Tuncertain
Twake_pulse
Tfilter_delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com