Electronic Components Datasheet Search
  English  ▼

X  

AS8506C Datasheet(PDF) 63 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 63 Page - ams AG

Back Button AS8506C Datasheet HTML 59Page - ams AG AS8506C Datasheet HTML 60Page - ams AG AS8506C Datasheet HTML 61Page - ams AG AS8506C Datasheet HTML 62Page - ams AG AS8506C Datasheet HTML 63Page - ams AG AS8506C Datasheet HTML 64Page - ams AG AS8506C Datasheet HTML 65Page - ams AG AS8506C Datasheet HTML 66Page - ams AG AS8506C Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 63
Devic e I n te r f ac e
Figure 65:
Cell6 Voltage MSB Register
Figure 66:
Cell7 Voltage LSB Register
Figure 67:
Cell7 Voltage MSB Register
Figure 68:
Temperature Input1 LSB Register
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x12
cell6_volt_msb_reg
Cell6 voltage measured. 4 most
significant bits of 12-bit ADC code of
Cell6
RR
0000_0000
POR_V5V
D3:D0
Bit11 to Bit8 of ADC code
D7:D4
Reserved
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x13
cell7_volt_lsb_reg
Cell7 voltage measured. 8 least
significant bits of 12-bit ADC code of
Cell7
RR
0000_0000
POR_V5V
D7:D0
Bit7 to Bit0 of ADC code
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x14
cell7_volt_msb_reg
Cell7 voltage measured. 4 most
significant bits of 12-bit ADC code of
Cell7
RR
0000_0000
POR_V5V
D3:D0
Bit11 to Bit8 of ADC code
D7:D4
Reserved
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x15
temp_in1_lsb_reg
Temperature sensor input1 measured.
8 least significant bits of 12-bit ADC
code of temperature input1.
RR
0000_0000
POR_V5V
D7:D0
Bit7 to Bit0 of ADC code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com