Electronic Components Datasheet Search
  English  ▼

X  

AS8506C Datasheet(PDF) 5 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 5 Page - ams AG

  AS8506C Datasheet HTML 1Page - ams AG AS8506C Datasheet HTML 2Page - ams AG AS8506C Datasheet HTML 3Page - ams AG AS8506C Datasheet HTML 4Page - ams AG AS8506C Datasheet HTML 5Page - ams AG AS8506C Datasheet HTML 6Page - ams AG AS8506C Datasheet HTML 7Page - ams AG AS8506C Datasheet HTML 8Page - ams AG AS8506C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 5
P i n A ssig n men t
Figure 4:
Pin Description
Pin Number
Pin Name
Pin Type
Description
1TSECH
Analog input /
output
Flyback converter transformer secondary high side
2
TSECL
Flyback converter transformer secondary low side
3
VCELL7
Battery cell 7 high level pin
4
VCELL6
Battery cell 6 high level pin
5
VCELL5
Battery cell 5 high level pin
6
VCELL4
Battery cell 4 high level pin
7
VCELL3
Battery cell 3 high level pin
8
VCELL2
Battery cell 2 high level pin
9
VCELL1
Battery cell 1 high level pin
10
C-GND
Power supply
input
Battery cell 1 low level pin
11
NC
Not connected
12
VREF_IN
Analog input /
output
Cell voltage reference value (cell target voltage of
battery)
13
GND
Power supply
input
Ground to the IC
14
TRIG_IN
Digital input
This pin triggers the cell balancing in the device.
Short pulse is for receiving status and continuous
‘High’ for cell balancing. It also acts as a data line
during 3-wire communication.
15
CLK_IN
Clock input pin in the Slave device. This pin also acts
as a clock during 3-wire communication. Scan clock
in scan mode.
16
CVT_NOK_OUT
Digital output
This pin alerts when the cell voltage or the
device/cell temperature is not within limits. During
3-wire communication, the CRC error is indicated on
this pin. The internal device cell voltage or
temperature status is ORed with CVT_NOK_IN on
this pin.
17
BD_OUT
The ‘device internal balance done’ and ‘balance done
from above device’ are ANDed on this pin. This pin in
Master device indicates the complete system
balance done. During address allocation process,
this pin will be ‘High’ if BD_IN is ‘High’.
18
FD_OUT
Flyback converter gate/opto coupler drive (pad is
push-pull type) can drive up to 12mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com