Electronic Components Datasheet Search
  English  ▼

X  

AS8506C Datasheet(PDF) 47 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 47 Page - ams AG

Back Button AS8506C Datasheet HTML 43Page - ams AG AS8506C Datasheet HTML 44Page - ams AG AS8506C Datasheet HTML 45Page - ams AG AS8506C Datasheet HTML 46Page - ams AG AS8506C Datasheet HTML 47Page - ams AG AS8506C Datasheet HTML 48Page - ams AG AS8506C Datasheet HTML 49Page - ams AG AS8506C Datasheet HTML 50Page - ams AG AS8506C Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 47
Devic e I n te r f ac e
Communication to Slaves
There are two modes of communication between the Master
and Slaves in the AS8506C stack system:
• Broadcast Communication
• Communication with Individual Slave
Broadcast Communication
The Broadcast of communication is used to send the reference,
lower, upper threshold limit codes and timer control register
values for all the slaves.
Reference and thresholds can be set by one of the two methods:
• Through the external pins
• Through the Internal DAC
In case of the stacked system, reference and thresholds can be
set by writing DAC values though broadcast SPI command.
Write the corresponding data in the registers of timer_cntl_reg,
ref_dcod_lsb_reg/ref_dcod_msb_reg,
hlmt_dcod_lsb_reg/hlmt_dcod_msb_reg and
llmt_dcod_lsb_reg/llmt_dcod_msb_reg and command in the
Command Registers spi3_cmd_reg and spop_dadd_bcmd_reg.
Example:
To write DAC code of 0x0666 in the lower threshold register of
all the devices, initiate a broadcast command as given in the
below sequence.
Figure 39:
Threshold Setting through Broadcast Command to Slaves
Each broadcast write operation takes 35 clock cycles of the
communication frequency. The default communication
frequency is 5KHz.
Broadcast slave register write is also possible other than above
registers.
If there any specific register of all the slaves to be written with
the same content of Master then this feature is useful.
Write register address in the spop_reg_add_reg.
Command
Register Name
Address
Data
To set low threshold
llmt_dcod_lsb_reg
0x23
0x66
llmt_dcod_msb_reg
0x24
0x06
Broadcast the cell lower limit DAC code
spop_dadd_bcmd_reg
0x25
0x03
Broadcast communication command
spi3_cmd_reg
0x28
0x09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com