Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX20021 Datasheet HTML 3Page - Maxim Integrated Products MAX20021 Datasheet HTML 4Page - Maxim Integrated Products MAX20021 Datasheet HTML 5Page - Maxim Integrated Products MAX20021 Datasheet HTML 6Page - Maxim Integrated Products MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products MAX20021 Datasheet HTML 10Page - Maxim Integrated Products MAX20021 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)
(VA = VPV1 = VPV2 = VPV3 = VPV4 = 5.0V; TA = +25ºC, unless otherwise noted.)
PSRR vs. FREQUENCY
FREQUENCY (kHz)
100.000
10.000
1.000
0.100
0.010
-60
-50
-40
-30
-20
-10
0
-70
0.001
1000.000
NO LOAD
150mA LOAD
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
1E+5
1E+4
1E+3
0
45
90
-45
1E+2
1E+6
OUTPUT VOLTAGE-NOISE DENSITY
vs. FREQUENCY
RF FREQUENCY (MHz)
3000 3500
1500 2000 2500
1000
500
10
100
1000
10,000
1
0
4000
VPV_ = 5V
VOUT_ = 1.2V
IOUT_ = 0mA
PHASE MARGIN vs. FREQUENCY
FREQUENCY (Hz)
1E+5
1E+4
1E+3
-50
0
50
100
150
200
-100
1E+2
1E+6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com