Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX20021 Datasheet HTML 2Page - Maxim Integrated Products MAX20021 Datasheet HTML 3Page - Maxim Integrated Products MAX20021 Datasheet HTML 4Page - Maxim Integrated Products MAX20021 Datasheet HTML 5Page - Maxim Integrated Products MAX20021 Datasheet HTML 6Page - Maxim Integrated Products MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products MAX20021 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
Maxim Integrated │ 6
www.maximintegrated.com
Typical Operating Characteristics (continued)
(VA = VPV1 = VPV2 = VPV3 = VPV4 = 5.0V; TA = +25ºC, unless otherwise noted.)
SHORT-CIRCUIT BEHAVIOR
MAX20021 toc08
400ns/div
VOUT3
2V/div
VLX3
2V/div
IOUT3
1A/div
LINE TRANSIENT, (VOUT1 = 3.3V)
MAX20021 toc10
10ms/div
VPV1
1V/div
VOUT1
50mV/div
VPV1 = 3.8V
VPV1 = 5.2V
VPV1 = 3.8V
LOAD TRANSIENT, (VOUT1 = 3.3V)
MAX20021 toc09
10µs/div
IOUT1
500mA/div
VOUT1
100mV/div
P-CHANNEL SWITCH RESISTANCE
vs. SUPPLY VOLTAGE
VPV_ (V)
5.7
5.2
4.7
4.2
3.7
3.2
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
2.7
TA = +125ºC
TA = -40ºC
TA = +25ºC
SWITCHING FREQUENCY
vs. TEMPERATURE
98
99
100
101
102
103
97
80 100 120
40
TEMPERATURE (°C)
60
-40 -20
20
0
-60
140
DROPOUT VOLTAGE
vs. LOAD CURRENT (BUCK 1)
50
100
150
200
250
300
350
0
IOUT1 (A)
0.8
0.7
0.9
0.6
0.5
0.2
0.1
0.4
0.3
0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com