Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX20021 Datasheet HTML 1Page - Maxim Integrated Products MAX20021 Datasheet HTML 2Page - Maxim Integrated Products MAX20021 Datasheet HTML 3Page - Maxim Integrated Products MAX20021 Datasheet HTML 4Page - Maxim Integrated Products MAX20021 Datasheet HTML 5Page - Maxim Integrated Products MAX20021 Datasheet HTML 6Page - Maxim Integrated Products MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics
(VA = VPV1 = VPV2 = VPV3 = VPV4 = 5.0V; TA = +25ºC, unless otherwise noted.)
BUCK EFFICIENCY (3.2MHz)
vs. LOAD CURRENT
LOAD CURRENT (A)
0.1000
0.0100
0.0010
0.0001
1.0000
10
20
30
40
50
60
70
80
90
100
0
VOUT2 = 1.2V
VOUT4 = 1.8V
VOUT1 = 3.3V
VOUT3 = 2.65V
fSW = 3.2MHz, VPV_ = 5V
LX LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (ºC)
80 100 120
40 60
-40 -20
20
0
0
100
200
300
400
500
600
700
800
-100
-60
140
LX_ TO PV_
LX_ TO PGND_
BUCK EFFICIENCY (2.2MHz)
vs. LOAD CURRENT
LOAD CURRENT (A)
0.1000
0.0100
0.0010
0.0001
1.0000
10
20
30
40
50
60
70
80
90
100
0
fSW = 2.2MHz, VPV_ = 5V
VOUT2 = 1.2V
VOUT4 = 1.8V
VOUT1 = 3.3V
VOUT3 = 2.65V
LOAD REGULATION (BUCK 1)
IOUT1 (A)
0.8
0.7
0.9
0.6
0.5
0.2
0.1
0.4
0.3
3.22
3.24
3.26
3.28
3.32
3.30
3.34
3.36
3.20
0
1.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
5
10
15
20
25
30
0
2.7
5.7
TA = -40ºC
TA = +25ºC
TA = +125ºC
VPV_ = VA = VEN_
LINE REGULATION (BUCK 2)
VPV2 (V)
5.2
4.7
4.2
3.7
3.2
99.8
100.0
100.2
100.4
100.6
100.8
101.0
99.6
2.7
5.7
TA = +125ºC
TA = +25ºC
TA = -40ºC
STARTUP SEQUENCE
MAX20021 toc07
2ms/div
VOUT1
VOUT2
VOUT3
VOUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com