Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products MAX20021 Datasheet HTML 10Page - Maxim Integrated Products MAX20021 Datasheet HTML 11Page - Maxim Integrated Products MAX20021 Datasheet HTML 12Page - Maxim Integrated Products MAX20021 Datasheet HTML 13Page - Maxim Integrated Products MAX20021 Datasheet HTML 14Page - Maxim Integrated Products MAX20021 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 11
Detailed Description
The MAX20021/MAX20022 PMICs offer four, high-
efficiency, synchronous step-down converters that oper-
ate with a 3.0V to 5.5V input voltage range and provide
a 1.0V to 4.0V output voltage range. The PMICs deliver
up to 1.0A of load current per output. The PMICs achieve
±3% output error over load, line, and temperature ranges.
The PMICs feature fixed-frequency PWM-mode operation
with a 2.2MHz or 3.2MHz switching frequency. An optional
spread-spectrum frequency modulation minimizes radiated
electromagnetic emissions due to the switching frequency,
while a factory-programmable synchronization input (SYNC)
allows the device to synchronize to an external clock.
Integrated low RDSON switches help minimize efficien-
cy losses at heavy loads and reduce critical/parasitic
inductance, making the layout a much simpler task with
respect to discrete solutions.
The PMICs are offered in factory-preset output voltages to
allow customers to achieve ±3% output-voltage accuracy,
without using expensive 0.1% resistors. In addition, adjust-
able output-voltage versions can be set to any desired
values between 1.0V and 4.0V using an external resistive
divider. See the Selector Guide for available options.
Additionally, each converter features soft-start, PG_
output, overcurrent, and overtemperature protections
(see Figure 1).
Control Scheme
The PMICs use peak current-mode control. The devices
feature internal slope compensation and internal loop
compensation, both of which reduce board space and
allow a very compact solution.
Hybrid Load-Line Architecture
The PMICs feature hybrid load-line architecture to reduce
the output capacitance needed, potentially saving system
cost and size. This results in a measurable load transient
response.
Input Overvoltage Monitoring (OV)
The PMICs feature an input overvoltage-monitoring circuit
on the input supply. When the input exceeds 5.8V (typ)
all power-good indicators (PG_) go low. When the input
supply returns to within the operating range of 5.7V (typ)
or less during the timeout period, the power-good indica-
tors go high.
Input Undervoltage Monitoring (UVM)
The MAX20021 features an input undervoltage monitor-
ing circuit on the input supply. When the input drops below
4.3V (typ), all power-good indicators (PG_) go low to indi-
cate a potential brownout condition. The device remains
operational down to the UVLO threshold. When the input
voltage exceeds the UV threshold above 4.4V (typ),
PG_ remains low for the factory-trimmed “active timeout
period.” UVM is a factory-selectable option.
Input Undervoltage Lockout (UVLO)
The PMICs feature an undervoltage lockout on the PV_
inputs set at 2.77V (typ) falling. This prevents loss of con-
trol of the device by shutting down all outputs. This circuit
is only active when at least one buck converter is enabled.
Power-Good Outputs (PG_)
The PMICs feature an open-drain power-good output for
each of the four buck regulators. PG_ asserts low when
the output voltage drops 6% below the regulated voltage
or 10% above the regulated voltage for approximately
15µs. PG_ remains asserted for a fixed 20,480 switching
cycles after the output returns to its regulated voltage.
PG_ asserts low during soft-start and in shutdown. PG_
becomes high impedance when Buck_ is in regulation.
ConnectPG_toalogicsupplywitha10kΩresistor.
Soft-Start
The PMICs include a 3272 switching cycle fixed-duration
soft-start time. The soft-start time limits startup inrush
current by forcing the output voltage to ramp up towards
its regulation point. During soft-start, the converters oper-
ate in skip mode to prevent the outputs from discharging.
When the PMICs exit UVLO or thermal shutdown, there
is a fixed blanking time for EN2–EN4 to prevent all four
outputs from going through soft-start at the same time.
After 24,576 switching cycles with UVLO high and at least
one buck converter enabled, there is no blanking time
between EN2–EN4 high and the start of soft-start.
Figure 2. Load Transient Response
+5.0%
+1.5%
0%
-1.0%
-3.5%
1.0A
0A
4µs
1µs1µs
4µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com