Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20021 Datasheet HTML 1Page - Maxim Integrated Products MAX20021 Datasheet HTML 2Page - Maxim Integrated Products MAX20021 Datasheet HTML 3Page - Maxim Integrated Products MAX20021 Datasheet HTML 4Page - Maxim Integrated Products MAX20021 Datasheet HTML 5Page - Maxim Integrated Products MAX20021 Datasheet HTML 6Page - Maxim Integrated Products MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 4
Note 2: All units are 100% production tested at +25ºC. All temperature limits are guaranteed by design.
Note 3: Phase measurement is in relation to the rising edge of VLX_.
Note 4: Guaranteed by design. Not production tested.
Electrical Characteristics (continued)
(VA = VPV1 = VPV2 = VPV3 = VPV4 = 5.0V; TA = TJ = -40ºC to +125ºC, unless otherwise noted. Typical values are at TA = +25ºC under
normal conditions, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
UV/OV Propagation Delay
15
µs
PG_ Output High Leakage
Current
0.1
µA
PG_ Output Low Level
VPV_= 3.0V, sinking 3mA
0.22
V
ENABLE INPUTS (EN_)
Input High Level
VPV_ = 5.0V, VEN_ rising
0.7
1.0
1.3
V
Hysteresis
VPV_ = 5.0V, VEN_ falling
50
mV
Pulldown Resistance
100
kΩ
DIGITAL INTERFACE (SYNC, SEL)
Input Voltage High
VINH
1.5
V
Input Voltage Low
VINL
0.5
V
Input Voltage Hysteresis
70
mV
Pulldown Resistance
100
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com