Electronic Components Datasheet Search
  English  ▼

X  

MAX20021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20021
Description  Step-Down DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20021 Datasheet HTML 1Page - Maxim Integrated Products MAX20021 Datasheet HTML 2Page - Maxim Integrated Products MAX20021 Datasheet HTML 3Page - Maxim Integrated Products MAX20021 Datasheet HTML 4Page - Maxim Integrated Products MAX20021 Datasheet HTML 5Page - Maxim Integrated Products MAX20021 Datasheet HTML 6Page - Maxim Integrated Products MAX20021 Datasheet HTML 7Page - Maxim Integrated Products MAX20021 Datasheet HTML 8Page - Maxim Integrated Products MAX20021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAX20021/MAX20022
Automotive Quad, Low-Voltage
Step-Down DC-DC Converters
General Description
The MAX20021/MAX20022 power-management ICs
(PMICs) integrate four low-voltage, high-efficiency, step-
down DC-DC converters. Each of the four outputs is
factory or resistor programmable between 1.0V to 4.0V
and can deliver up to 1.0A of current. The PMICs operate
from 3.0V to 5.5V, making them ideal for automotive point-
of-load and post-regulation applications.
The PMICs feature fixed-frequency PWM-mode operation
with a switching frequency of 2.2MHz or 3.2MHz. High-
frequency operation allows for an all-ceramic capacitor
design and small-size external components. The low-
resistance on-chip switches ensure high efficiency at
heavy loads while minimizing critical inductances, making
the layout a much simpler task with respect to discrete
solutions. Internal current sensing and loop compensation
reduce board space and system cost.
The PMICs offer a spread-spectrum option to reduce
radiated emissions. Two of the four buck converters oper-
ate 180º out-of-phase with the internal clock. This feature
reduces the necessary input capacitance and improves
EMI as well. All four buck converters operate in constant-
PWM mode outside the AM band. The PMICs offer a
SYNC input to synchronize to an external clock.
The PMICs provide individual enable inputs and power-
good/reset outputs, as well as factory-programmable
RESET times.
The PMICs offer several important protection features
including: input overvoltage protection, input undervoltage
monitoring, input undervoltage lockout, cycle-by-cycle
current limiting, and overtemperature shutdown. The
input undervoltage monitor indicates a brownout condition
by driving PG_ low when the input falls below the UVM
threshold.
The MAX20021/MAX20022 PMICs are available in a
28-pin TQFN package with an exposed pad and are
specified for operation over the -40ºC to +125ºC automo-
tive temperature range.
Applications
● Automotive
● Industrial
Benefits and Features
● Quad Step-Down DC-DC Converters with Integrated
FETs
● Operate from 3.0V to 5.5V Supply Voltage
● 1.0V to 4.0V Fixed or Adjustable Output Voltage
● 2.2MHz (MAX20022) or 3.2MHz (MAX20021)
Switching Frequency
● Four Channels Capable of Delivering Up to 1A Each
● Designed to Improve Automotive EMI Performance
• Forced-PWMOperation
• TwoChannels180ºOut-of-Phase
• SYNCInput
• Spread-SpectrumOption
● Soft-Start and Supply Sequencing Reduces Inrush
Current
● Individual Enable Inputs and Power-Good Outputs to
Simplify Sequencing
● OV/UV Input-Voltage Monitoring
● Overtemperature and Short-Circuit Protection
● 28-Pin (5mm x 5mm x 0.8mm) TQFN-EP Package
● -40ºC to +125ºC Operating Temperature Range
19-6628; Rev 2; 12/13
Ordering Information/Selector Guide appear at end of data
sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX20021.related.
Simplified Block Diagram
EVALUATION KIT AVAILABLE
PGND_
LX_
SYNC
OUTS_
EP
CONTROL
VOUT1
10µF
1.5µH
5V
VOUT_
MAX20021
2.2µF
1µF
EN_
PG_
VA
GND
SEL
STEP-DOWN
PWM OUT_
1.0V TO 4.0V
UP TO
0.5A OR 1A
SS OSC
4 CHANNELS
PV_
EN
5V
10kΩ


Similar Part No. - MAX20021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
MAX20021ATI_/V+ MAXIM-MAX20021ATI_/V+ Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results

Similar Description - MAX20021

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
1A Step-Down DC-DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
Step-down DC/DC Converters(Non-isolated)
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com