Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 4 Page - Texas Instruments

  LMC7101 Datasheet HTML 1Page - Texas Instruments LMC7101 Datasheet HTML 2Page - Texas Instruments LMC7101 Datasheet HTML 3Page - Texas Instruments LMC7101 Datasheet HTML 4Page - Texas Instruments LMC7101 Datasheet HTML 5Page - Texas Instruments LMC7101 Datasheet HTML 6Page - Texas Instruments LMC7101 Datasheet HTML 7Page - Texas Instruments LMC7101 Datasheet HTML 8Page - Texas Instruments LMC7101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1 MΩ.
Boldface limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
LMC7101Q
Typ
Symbol
Parameter
Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2) (3)
0.11
3
7
7
mV
VOS
Input Offset Voltage
V+ = 5V
5
9
9
max
TCVOS
Input Offset Voltage Average Drift
1.0
μV/°C
IB
Input Current
1
64
64
1000
pA max
IOS
Input Offset Current
0.5
32
32
2000
pA max
RIN
Input Resistance
>1
Tera
Ω
0V
≤ VCM ≤ 5V
82
65
60
60
db min
CMRR
Common-Mode Rejection Ratio
LMC7101Q @ 125°C
60
55
55
0.2V
≤ VCM ≤ 4.8V
Positive Power Supply Rejection
V+ = 5V to 15V
82
70
65
65
dB min
+PSRR
Ratio
V− = 0V, VO = 1.5V
65
62
62
Negative Power Supply Rejection
V− =
−5V to −15V
82
70
65
65
dB min
−PSRR
Ratio
V+ = 0V, VO = −1.5V
65
62
62
−0.3
−0.20
−0.20
−0.2
V min
For CMRR
≥ 50 dB
0.00
0.00
0.2
Input Common-Mode Voltage
VCM
Range
5.3
5.20
5.20
5.2
V max
5.00
5.00
4.8
CIN
Common-Mode Input Capacitance
3
pF
4.9
4.7
4.7
4.7
V min
RL = 2 kΩ
4.6
4.6
4.54
0.1
0.18
0.18
0.18
V max
0.24
0.24
0.28
VO
Output Swing
4.7
4.5
4.5
4.5
V min
RL = 600Ω
4.24
4.24
4.28
0.3
0.5
0.5
0.5
V max
0.65
0.65
0.8
16
16
16
mA min
VO = 0V 24
Sourcing
24
11
11
9
ISC
Output Short Circuit Current
11
11
11
mA min
VO = 5V
Sinking
19
7.5
7.5
5.8
0.85
0.85
0.85
mA
IS
Supply Current
0.5
1.0
1.0
1.0
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
When operated at temperature between
−40°C and 85°C, the LMC7101Q will meet LMC7101BI specifications.
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1 MΩ.
Boldface limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
Typ
Symbol
Parameter
Conditions
Limit
Limit
Units
(1)
(2)
(2)
f = 10 kHz, AV = −2
THD
Total Harmonic Distortion
0.01
%
RL = 10 kΩ, VO = 4.0 VPP
SR
Slew Rate
1.0
V/
μs
GBW
Gain Bandwidth Product
1.0
MHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com