Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMC7101 Datasheet HTML 14Page - Texas Instruments LMC7101 Datasheet HTML 15Page - Texas Instruments LMC7101 Datasheet HTML 16Page - Texas Instruments LMC7101 Datasheet HTML 17Page - Texas Instruments LMC7101 Datasheet HTML 18Page - Texas Instruments LMC7101 Datasheet HTML 19Page - Texas Instruments LMC7101 Datasheet HTML 20Page - Texas Instruments LMC7101 Datasheet HTML 21Page - Texas Instruments LMC7101 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
BENEFITS OF THE LMC7101 TINY AMP
Size
The small footprint of the SOT-23-5 packaged Tiny amp, (0.120 x 0.118 inches, 3.05 x 3.00 mm) saves space on
printed circuit boards, and enable the design of smaller electronic products. Because they are easier to carry,
many customers prefer smaller and lighter products.
Height
The height (0.056 inches, 1.43 mm) of the Tiny amp makes it possible to use it in PCMCIA type III cards.
Signal Integrity
Signals can pick up noise between the signal source and the amplifier. By using a physically smaller amplifier
package, the Tiny amp can be placed closer to the signal source, reducing noise pickup and increasing signal
integrity. The Tiny amp can also be placed next to the signal destination, such as a buffer for the reference of an
analog to digital converter.
Simplified Board Layout
The Tiny amp can simplify board layout in several ways. First, by placing an amp where amps are needed,
instead of routing signals to a dual or quad device, long pc traces may be avoided.
By using multiple Tiny amps instead of duals or quads, complex signal routing and possibly crosstalk can be
reduced.
Low THD
The high open loop gain of the LMC7101 amp allows it to achieve very low audio distortion—typically 0.01% at
10 kHz with a 10 k
Ω load at 5V supplies. This makes the Tiny an excellent for audio, modems, and low
frequency signal processing.
Low Supply Current
The typical 0.5 mA supply current of the LMC7101 extends battery life in portable applications, and may allow
the reduction of the size of batteries in some applications.
Wide Voltage Range
The LMC7101 is characterized at 15V, 5V and 3V. Performance data is provided at these popular voltages. This
wide voltage range makes the LMC7101 a good choice for devices where the voltage may vary over the life of
the batteries.
INPUT COMMON MODE
Voltage Range
The LMC7101 does not exhibit phase inversion when an input voltage exceeds the negative supply voltage.
Figure 62 shows an input voltage exceeding both supplies with no resulting phase inversion of the output.
The absolute maximum input voltage is 300 mV beyond either rail at room temperature. Voltages greatly
exceeding this maximum rating, as in Figure 63, can cause excessive current to flow in or out of the input pins,
adversely affecting reliability.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com