Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMC7101 Datasheet HTML 15Page - Texas Instruments LMC7101 Datasheet HTML 16Page - Texas Instruments LMC7101 Datasheet HTML 17Page - Texas Instruments LMC7101 Datasheet HTML 18Page - Texas Instruments LMC7101 Datasheet HTML 19Page - Texas Instruments LMC7101 Datasheet HTML 20Page - Texas Instruments LMC7101 Datasheet HTML 21Page - Texas Instruments LMC7101 Datasheet HTML 22Page - Texas Instruments LMC7101 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LMC7101, LMC7101Q
www.ti.com
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
An input voltage signal exceeds the LMC7101 power supply voltages with no output phase inversion.
Figure 62. Input Voltage
A ±7.5V input signal greatly exceeds the 3V supply in Figure 64 causing no phase inversion due to RI.
Figure 63. Input Signal
Applications that exceed this rating must externally limit the maximum input current to ±5 mA with an input
resistor as shown in Figure 64.
Figure 64. RI Input Current Protection for
Voltages Exceeding the Supply Voltage
RAIL-TO-RAIL OUTPUT
The approximate output resistance of the LMC7101 is 180
Ω sourcing and 130Ω sinking at VS = 3V and 110Ω
sourcing and 80
Ω sinking at VS = 5V. Using the calculated output resistance, maximum output voltage swing can
be estimated as a function of load.
CAPACITIVE LOAD TOLERANCE
The LMC7101 can typically directly drive a 100 pF load with VS = 15V at unity gain without oscillating. The unity
gain follower is the most sensitive configuration. Direct capacitive loading reduces the phase margin of op amps.
The combination of the op amp's output impedance and the capacitive load induces phase lag. This results in
either an underdamped pulse response or oscillation.
Capacitive load compensation can be accomplished using resistive isolation as shown in Figure 65. This simple
technique is useful for isolating the capacitive input of multiplexers and A/D converters.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMC7101 LMC7101Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com