Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC7101 Datasheet HTML 2Page - Texas Instruments LMC7101 Datasheet HTML 3Page - Texas Instruments LMC7101 Datasheet HTML 4Page - Texas Instruments LMC7101 Datasheet HTML 5Page - Texas Instruments LMC7101 Datasheet HTML 6Page - Texas Instruments LMC7101 Datasheet HTML 7Page - Texas Instruments LMC7101 Datasheet HTML 8Page - Texas Instruments LMC7101 Datasheet HTML 9Page - Texas Instruments LMC7101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
15V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 15V, V− = 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1 MΩ.
Boldface limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
LMC7101Q
Typ
Symbol
Parameter
Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2) (3)
Slew Rate
0.5
0.5
0.5
V/
μs
SR
V+ = 15V
1.1
(4)
0.4
0.4
0.4
min
GBW
Gain-Bandwidth Product
V+ = 15V
1.1
MHz
φm
Phase Margin
45
deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz, VCM = 1V
37
In
Input-Referred Current Noise
f = 1 kHz
1.5
f = 10 kHz, AV = −2
THD
Total Harmonic Distortion
0.01
%
RL = 10 kΩ, VO = 8.5 VPP
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
When operated at temperature between
−40°C and 85°C, the LMC7101Q will meet LMC7101BI specifications.
(4)
V+ = 15V. Connected as a voltage follower with a 10V step input. Number specified is the slower of the positive and negative slew rates.
RL = 100 kΩ connected to 7.5V. Amp excited with 1 kHz to produce VO = 10 VPP.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com