Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 2 Page - Texas Instruments

  LMC7101 Datasheet HTML 1Page - Texas Instruments LMC7101 Datasheet HTML 2Page - Texas Instruments LMC7101 Datasheet HTML 3Page - Texas Instruments LMC7101 Datasheet HTML 4Page - Texas Instruments LMC7101 Datasheet HTML 5Page - Texas Instruments LMC7101 Datasheet HTML 6Page - Texas Instruments LMC7101 Datasheet HTML 7Page - Texas Instruments LMC7101 Datasheet HTML 8Page - Texas Instruments LMC7101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
1000V
Machine Model
200V
Charged Device Model
1000V
Difference Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) + 0.3V, (V−)
− 0.3V
Supply Voltage (V+
− V−)
16V
Current at Input Pin
±5 mA
Current at Output Pin (4)
±35 mA
Current at Power Supply Pin
35 mA
Lead Temp. (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature at 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Recommended Operating Conditions
(1)
Supply Voltage
2.7V
≤ V+ ≤ 15.5V
Temperature Range
LMC7101AI, LMC7101BI
−40°C to 85°C
LMC7101Q
−40°C to 125°C
Thermal Resistance (
θJA)
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
LMC7101Q
Symbol
Parameter
Conditions
Typ(1)
Limit
Limit
Limit
Units
(2)
(2)
(2) (3)
mV
VOS
Input Offset Voltage Average Drift
V+ = 2.7V
0.11
6
9
9
max
TCVOS
Input Offset Voltage
1
μV/°C
IB
Input Bias Current
1.0
64
64
1000
pA max
IOS
Input Offset Current
0.5
32
32
2000
pA max
RIN
Input Resistance
>1
Tera
Ω
0V
≤ VCM ≤ 2.7V
CMRR
Common-Mode Rejection Ratio
70
55
50
50
dB min
V+ = 2.7V
0.0
0.0
0.0
0.0
V min
Input Common Mode Voltage
VCM
For CMRR
≥ 50 dB
Range
3.0
2.7
2.7
2.7
V max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
When operated at temperature between
−40°C and 85°C, the LMC7101Q will meet LMC7101BI specifications.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com