Electronic Components Datasheet Search
  English  ▼

X  

LMC7101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101 Datasheet(HTML) 1 Page - Texas Instruments

  LMC7101 Datasheet HTML 1Page - Texas Instruments LMC7101 Datasheet HTML 2Page - Texas Instruments LMC7101 Datasheet HTML 3Page - Texas Instruments LMC7101 Datasheet HTML 4Page - Texas Instruments LMC7101 Datasheet HTML 5Page - Texas Instruments LMC7101 Datasheet HTML 6Page - Texas Instruments LMC7101 Datasheet HTML 7Page - Texas Instruments LMC7101 Datasheet HTML 8Page - Texas Instruments LMC7101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMC7101, LMC7101Q
www.ti.com
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and
Output
Check for Samples: LMC7101, LMC7101Q
1
FEATURES
•
Rail-to-Rail Input and Output
•
Temperature Range –40°C to 125°C
2
•
Tiny 5-Pin SOT-23 Package Saves
(LMC7101Q)
Space—Typical Circuit Layouts Take Half the
Space of 8-Pin SOIC Designs
APPLICATIONS
•
Guaranteed Specs at 2.7V, 3V, 5V, 15V
Supplies
•
Mobile Communications
•
Typical Supply Current 0.5 mA at 5V
•
Notebooks and PDAs
•
Typical Total Harmonic Distortion of 0.01% at
•
Battery Powered Products
5V
•
Sensor Interface
•
1.0 MHz Gain-Bandwidth
•
Automotive Applications (LMC7101Q)
•
Similar to Popular LMC6482/LMC6484
DESCRIPTION
The LMC7101 is a high performance CMOS operational amplifier available in the space saving 5-Pin SOT-23
Tiny package. This makes the LMC7101 ideal for space and weight critical designs. The performance is similar
to a single amplifier of the LMC6482/LMC6484 type, with rail-to-rail input and output, high open loop gain, low
distortion, and low supply currents.
The main benefits of the Tiny package are most apparent in small portable electronic devices, such as mobile
phones, pagers, notebook computers, personal digital assistants, and PCMCIA cards. The tiny amplifiers can be
placed on a board where they are needed, simplifying board layout.
Connection Diagram
Figure 1. 5-Pin SOT-23
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101 Datasheet
154Kb / 12P
Low-Power Operational Amplifier
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
Tiny Low-Power Operational Amplifier
logo
Microchip Technology
LMC7101 MICROCHIP-LMC7101 Datasheet
1Mb / 32P
Low-Power Operational Amplifier
05/14/19
More results

Similar Description - LMC7101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
National Semiconductor ...
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
108335 TI-108335 Datasheet
1Mb / 21P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 28P
LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101 TI-LMC7101_15 Datasheet
1Mb / 33P
LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com