Electronic Components Datasheet Search
  English  ▼

X  

WM1824 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1824 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM1824 Datasheet HTML 1Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 2Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 3Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 4Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 5Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 6Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 7Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 8Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
WM1824
Production Data
w
PD, Rev 4.1, December 2011
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
BCLK
Digital In
Digital audio interface bit clock
2
MCLK
Digital In
Master clock
3
DBVDD
Supply
Digital Buffer Supply
4
NC
5
NC
6
LINEVDD
Supply
Charge Pump supply
7
NC
8
NC
9
CPCA
Analogue Out
Charge Pump fly back capacitor pin
10
LINEGND
Supply
Charge Pump ground
11
CPCB
Analogue Out
Charge Pump fly back capacitor pin
12
CPVOUTN
Analogue Out
Charge Pump negative rail decoupling pin
13
LINEVOUTR
Analogue Out
Right line output
14
NC
15
LINEVOUTL
Analogue Out
Left line output
16
AGND
Supply
Analogue ground
17
AVDD
Supply
Analogue supply
18
VMID
Analogue Out
Analogue midrail decoupling pin
19
MUTE
¯¯¯¯¯
Digital In
0 = Mute enabled
1 = Mute disabled
20
NC
21
NC
22
AIFMODE
Digital In
1 = 24-bit Left Justified
0 = 24-bit I
2S
23
LRCLK
Digital In
Digital audio interface left/right clock
24
DACDAT
Digital In
Digital audio interface data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com