Electronic Components Datasheet Search
  English  ▼

X  

WM1824 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1824 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM1824 Datasheet HTML 14Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 15Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 16Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 17Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 18Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 19Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 20Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 21Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
WM1824
Production Data
w
PD, Rev 4.1, December 2011
18
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 10 DAC Digital Filter Frequency Response
– 256fs to 1152fs Clock Modes
Figure 11 DAC Digital Filter Ripple – 256fs to 1152fs Clock
Modes
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (Fs)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.050.1
0.15
0.20.250.3
0.35
0.40.450.5
Frequency (Fs)
Figure 12 DAC Digital Filter Frequency Response
– 128fs and 192fs Clock Modes
Figure 13 DAC Digital Filter Ripple – 128fs to 192fs Clock
Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com