Electronic Components Datasheet Search
  English  ▼

X  

WM1824 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1824 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM1824 Datasheet HTML 16Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 17Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 18Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 19Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 20Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 21Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 22Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 23Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Production Data
WM1824
w
PD, Rev 4.1, December 2011
23
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
PAGE
24/03/10
3.1/
4.0
BT
Removed MCLK Jitter Spec in System Clock Timing table, page 8
BT
Removed maximum line load from electrical characteristics
BT
Updated power state diagram to show all transitions, page 15
BT
Added note in Power up and down control section to recommend
putting the device in standby mode if more than 1 sample rate change
occurs in 1026 LRCLK cycles, page 15
BT
Added reference to WTN0302 in Power up and down control section,
page 15
BT
Added paragraph in Digital Audio Data Sampling Rates section to
recommend putting the device in standby or off mode if more than 1
sample rate change occurs in 1026 LRCLK cycles, page 13
BT
Changed RC value of recommended output filter
20
BT
Added 100Ω minimum load impedance to prevent over-current
shutdown note to electrical characteristics table
6
24/11/10
4.0
JMacD
Updated to Production Data status
05/12/12
4.1
JMacD
Order codes changed from WM1824GEFL/R and WM1824GEFL/RV
to WM1824CGEFL/R and WM1824CGEFL/RV to reflect change to
copper wire bonding.
3
15/12/12
4.1
JMacD
Relevant Application Note section updated
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com